| Moteur de recherche de fiches techniques de composants électroniques |
|
INA191 Fiches technique(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA191 Fiches technique(HTML) 38 Page - Texas Instruments |
|
38 / 42 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) INA191A1IYFDR Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1E3 INA191A1IYFDR.A Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1E3 INA191A2IYFDR Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1E2 INA191A2IYFDR.A Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1E2 INA191A3IYFDR Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1E4 INA191A3IYFDR.A Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1E4 INA191A4IYFDR Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1E5 INA191A4IYFDR.A Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1E5 INA191A5IYFDR Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1E6 INA191A5IYFDR.A Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1E6 INA2191A1IYBJR Active Production DSBGA (YBJ) | 12 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 29J1 INA2191A1IYBJR.A Active Production DSBGA (YBJ) | 12 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 29J1 INA2191A2IYBJR Active Production DSBGA (YBJ) | 12 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 29K1 INA2191A2IYBJR.A Active Production DSBGA (YBJ) | 12 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 29K1 INA2191A3IYBJR Active Production DSBGA (YBJ) | 12 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 29L1 INA2191A3IYBJR.A Active Production DSBGA (YBJ) | 12 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 29L1 INA2191A4IYBJR Active Production DSBGA (YBJ) | 12 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 29M1 INA2191A4IYBJR.A Active Production DSBGA (YBJ) | 12 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 29M1 INA2191A5IYBJR Active Production DSBGA (YBJ) | 12 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 29N1 INA2191A5IYBJR.A Active Production DSBGA (YBJ) | 12 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 29N1 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. Addendum-Page 1 |