Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0108 Fiches technique(PDF) 214 Page - Nexperia B.V. All rights reserved

No de pièce LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Fiches technique(HTML) 214 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 210Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 211Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 212Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 213Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 214Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 215Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 216Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 217Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 218Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 234 page
background image
Nexperia selection guide 2020
214
Minimized outline drawings and reflow soldering footprint
Dimensions in mm
Images are for reference only, for detailed drawings please visit nexperia.com/packages
16-pin SMD packages
20-pin SMD packages
SO16 (SOT109-1)
SO16 (SOT109-1)
SOT109-1
Footprint information for reflow soldering of SO16 package
sot109-1_fr
Issue date 09-10-25
18-10-08
0.125
1.32
1.65
1.75
1.85
1.27
0.125
10.04
11.9
5.2 7.4 7.65
recommended stencil thickness: 0.15 mm
occupied area
solder paste
solder resist
solder land
0.7
0.8
0.9
0.6
0.7
0.8
3.9
SOT109-1
Footprint information for reflow soldering of SO16 package
sot109-1_fr
Issue date 09-10-25
18-10-08
0.125
1.32
1.65
1.75
1.85
1.27
0.125
10.04
11.9
5.2 7.4 7.65
recommended stencil thickness: 0.15 mm
occupied area
solder paste
solder resist
solder land
0.7
0.8
0.9
0.6
0.7
0.8
3.9
03-02-19
Dimensions in mm
1.27
18
16
9
0.49
0.36
10.0
9.8
4.0
3.8
6.2
5.8
pin 1 index
0.25
0.19
1.0
0.4
1.75
max
SO20 (SOT163-1)
SO20 (SOT163-1)
sot163-1_fr
occupied area
solder lands
Dimensions in mm
placement accuracy ± 0.25
1.50
0.60 (20×)
1.27 (18×)
8.00 11.00
13.40
11.40
sot163-1_fr
occupied area
solder lands
Dimensions in mm
placement accuracy ± 0.25
1.50
0.60 (20×)
1.27 (18×)
8.00 11.00
13.40
11.40
sot163-1_fr
occupied area
solder lands
Dimensions in mm
placement accuracy ± 0.25
1.50
0.60 (20×)
1.27 (18×)
8.00 11.00
13.40
11.40
03-02-19
Dimensions in mm
1.27
2.65
max
13.0
12.6
1
20
10
11
7.6
7.4
1.1
0.4
0.49
0.36
0.32
0.23
10.65
10.00
pin 1 index
TSSOP16 (SOT403-1)
TSSOP16 (SOT403-1)
SOT403-1
Footprint information for reflow soldering of TSSOP16 package
sot403-1_fr
Issue date 17-11-28
17-12-01
occupied area
solder paste deposit
solder land
solder land plus solder paste
recommended stencil thickness: 0.125 mm
1.35
5.30
7.45
0.125
4.50
1.25
7.20
0.60
0.3
0.5
0.75
0.40
0.65
0.125
5.60
5.80
SOT403-1
Footprint information for reflow soldering of TSSOP16 package
sot403-1_fr
Issue date 17-11-28
17-12-01
occupied area
solder paste deposit
solder land
solder land plus solder paste
recommended stencil thickness: 0.125 mm
1.35
5.30
7.45
0.125
4.50
1.25
7.20
0.60
0.3
0.5
0.75
0.40
0.65
0.125
5.60
5.80
DHVQFN16 (SOT763-1)
DHVQFN16 (SOT763-1)
Nexperia
SOT763-1
plastic, leadless dual in-line compatible thermal enhanced very thin quad flat package; 16 terminals; 0.5
mm pitch; 3.5 mm x 2.5 mm x 1 mm body
3. Soldering
SOT763-1
Footprint information for reflow soldering of DHVQFN16 package
0.500
0.105
2.800
0.400
0.025
0.900
1.700
3.500
3.750
3.800
1.100
1.900
2.700
4.500
4.750
0.025
0.400
0.240
sot763-1_fr
occupied area
solder land plus solder paste
solder land
solder paste deposit
Fig. 2. Reflow soldering footprint for DHVQFN16 (SOT763-1)
SOT763-1
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
14 November 2018
3 / 5
SOT763-1
Footprint information for reflow soldering of DHVQFN16 package
Refer to the package outline drawing for actual layout
0.500
0.105
2.800
0.400
0.025
0.900
1.700
3.500
3.750
3.800
1.100
1.900
2.700
4.500
4.750
0.025
0.400
0.240
sot763-1_fr
occupied area
solder land plus solder paste
solder land
solder paste deposit
03-01-27
Dimensions in mm
0.5
26
13
9
8
7
1
14
1.0 max
0.05
0.00
1.15
0.85
2.6
2.4
3.6
3.4
2.5
2.15
1.85
0.5
0.3
0.30
0.18
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com