Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0108 Fiches technique(PDF) 209 Page - Nexperia B.V. All rights reserved

No de pièce LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Fiches technique(HTML) 209 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 205Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 206Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 207Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 208Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 209Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 210Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 211Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 212Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 213Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 234 page
background image
209
XQFN8 (SOT902-2)
XQFN8 (SOT902-2)
14-09-30
Dimensions in mm
1.65
1.55
0.05
0.00
0.5
0.35
0.25
0.55
1.65
1.55
0.25
0.15
0.5
3
2
1
5
6
7
8
4
SOT902-2
Footprint information for reflow soldering of XQFN8 package
sot902-2_fr
Issue date 15-06-19
15-06-23
1.9
0.24
0.45 (8x)
0.4 (8x)
0.29
0.37
0.65
1.2
1.75
1
1.2
0.65
1.37
1.75
1.9
0.11
0.32
0. 22 (7x)
0. 27 (8x)
occupied area
solder paste deposit
solder resist
solder land
solder land plus solder
Dimensions in mm
SOT902-2
Footprint information for reflow soldering of XQFN8 package
sot902-2_fr
Issue date 15-06-19
15-06-23
1.9
0.24
0.45 (8x)
0.4 (8x)
0.29
0.37
0.65
1.2
1.75
1
1.2
0.65
1.37
1.75
1.9
0.11
0.32
0. 22 (7x)
0. 27 (8x)
occupied area
solder paste deposit
solder resist
solder land
solder land plus solder
Dimensions in mm
Minimized outline drawings and reflow soldering footprint
Dimensions in mm
8-pin SMD packages
Images are for reference only, for detailed drawings please visit nexperia.com/packages
DFN1714-8 (SOT972-2)
DFN1714-8 (SOT972-2)
Nexperia
SOT972-2
plastic, leadless thermal enhanced extremely thin small outline package; 8 terminals; 0.4 mm pitch; 1.7
mm x 1.35 mm x 0.5 mm body
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT972-2
- - -
- - -
- - -
sot972-2_po
10-03-23
13-08-02
Unit(1)
mm
max
nom
min
0.5 0.05
0.127
1.8
1.7
1.6
1.3
1.2
1.1
1.45
1.35
1.25
0.4
1.2
0.30
0.25
0.20
0.05
A
Dimensions
Note
1. Plastic or metal protrusions 0.0075 mm maximum per side are not included.
DFN1714-8: plastic, thermal enhanced extremely thin small outline package; no leads;
8 terminals; body 1.35 x 1.7 x 0.5 mm
SOT972-2
A1
b
0.25
0.20
0.15
c
D
Dh
E
Eh
0.45
0.40
0.35
e
e1
k
0.2
L
v
0.1
w
0.05
y
0.05
y1
0
1
2 mm
scale
X
C
y
C
y1
detail X
c
A
A1
terminal 1
index area
B
A
D
E
b
terminal 1
index area
e1
e
A
C
B
v
C
w
k
L
Dh
Eh
1
6
12
7
0.00
Fig. 1. Package outline DFN1714-8 (SOT972-2)
SOT972-2
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
3 June 2018
2 / 5
Nexperia
SOT972-2
plastic, leadless thermal enhanced extremely thin small outline package; 8 terminals; 0.4 mm pitch; 1.7
mm x 1.35 mm x 0.5 mm body
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT972-2
- - -
- - -
- - -
sot972-2_po
10-03-23
13-08-02
Unit(1)
mm
max
nom
min
0.5 0.05
0.127
1.8
1.7
1.6
1.3
1.2
1.1
1.45
1.35
1.25
0.4
1.2
0.30
0.25
0.20
0.05
A
Dimensions
Note
1. Plastic or metal protrusions 0.0075 mm maximum per side are not included.
DFN1714-8: plastic, thermal enhanced extremely thin small outline package; no leads;
8 terminals; body 1.35 x 1.7 x 0.5 mm
SOT972-2
A1
b
0.25
0.20
0.15
c
D
Dh
E
Eh
0.45
0.40
0.35
e
e1
k
0.2
L
v
0.1
w
0.05
y
0.05
y1
0
1
2 mm
scale
X
C
y
C
y1
detail X
c
A
A1
terminal 1
index area
B
A
D
E
b
terminal 1
index area
e1
e
A
C
B
v
C
w
k
L
Dh
Eh
1
6
12
7
0.00
Fig. 1. Package outline DFN1714-8 (SOT972-2)
SOT972-2
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
3 June 2018
2 / 5
Nexperia
SOT972-2
plastic, leadless thermal enhanced extremely thin small outline package; 8 terminals; 0.4 mm pitch; 1.7
mm x 1.35 mm x 0.5 mm body
3. Soldering
SOT972-2
DIMENSIONS in mm
Footprint information for reflow soldering of DFN1714-8 package
Generic footprint pattern
Refer to the package outline drawing for actual layout
By
D
Slx
Sly
Gx
Gy
Hx
Hy
0.780 0.220 1.400 0.400
P
0.400
Ay
1.780
1.630 1.700 1.910 1.990
SPx SPy
0.500
SPx tot
0.500
0.300
nSPx nSPy
1
1
SPy tot
0.300
solder land plus solder paste
occupied area
solder land
solder paste deposit
solder resist
D
P
Gx
Gy
Hx
Hy
SPy SPy tot SLy
By
Ay
nSPx
SPx tot
SPx
SLx
0.05
0.05
sot972-2_fr
Issue date 12-08-28
13-08-02
Fig. 2. Reflow soldering footprint for DFN1714-8 (SOT972-2)
SOT972-2
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
3 June 2018
3 / 5
Nexperia
SOT972-2
plastic, leadless thermal enhanced extremely thin small outline package; 8 terminals; 0.4 mm pitch; 1.7
mm x 1.35 mm x 0.5 mm body
3. Soldering
SOT972-2
DIMENSIONS in mm
Footprint information for reflow soldering of DFN1714-8 package
Generic footprint pattern
Refer to the package outline drawing for actual layout
By
D
Slx
Sly
Gx
Gy
Hx
Hy
0.780 0.220 1.400 0.400
P
0.400
Ay
1.780
1.630 1.700 1.910 1.990
SPx
SPy
0.500
SPx tot
0.500
0.300
nSPx nSPy
1
1
SPy tot
0.300
solder land plus solder paste
occupied area
solder land
solder paste deposit
solder resist
D
P
Gx
Gy
Hx
Hy
SPy SPy tot SLy
By
Ay
nSPx
SPx tot
SPx
SLx
0.05
0.05
sot972-2_fr
Issue date 12-08-28
13-08-02
Fig. 2. Reflow soldering footprint for DFN1714-8 (SOT972-2)
SOT972-2
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
3 June 2018
3 / 5
Nexperia
SOT972-2
plastic, leadless thermal enhanced extremely thin small outline package; 8 terminals; 0.4 mm pitch; 1.7
mm x 1.35 mm x 0.5 mm body
3. Soldering
SOT972-2
DIMENSIONS in mm
Footprint information for reflow soldering of DFN1714-8 package
Generic footprint pattern
Refer to the package outline drawing for actual layout
By
D
Slx
Sly
Gx
Gy
Hx
Hy
0.780 0.220 1.400 0.400
P
0.400
Ay
1.780
1.630 1.700 1.910 1.990
SPx
SPy
0.500
SPx tot
0.500
0.300
nSPx nSPy
1
1
SPy tot
0.300
solder land plus solder paste
occupied area
solder land
solder paste deposit
solder resist
D
P
Gx
Gy
Hx
Hy
SPy SPy tot SLy
By
Ay
nSPx
SPx tot
SPx
SLx
0.05
0.05
sot972-2_fr
Issue date 12-08-28
13-08-02
Fig. 2. Reflow soldering footprint for DFN1714-8 (SOT972-2)
SOT972-2
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
3 June 2018
3 / 5
VSSOP8 (SOT765-1)
VSSOP8 (SOT765-1)
14-10-01
Dimensions in mm
14
8
5
0.23
0.08
0.27
0.17
0.5
2.1
1.9
2.4
2.2
3.2
3.0
1.0
max
0.40
0.15
0.15
0.00
SOT765-1
Footprint information for reflow soldering of VSSOP8 package
sot765-1_fr
Issue date 13-07-02
18-10-09
recommended stencil thickness: 0.1 mm
occupied area
solder paste
solder resist
solder land
0.55
0.125
0.5
2.1
2.25
3.075
0.125
2.0
3.75 1.75
3.5
0.3
0.2
0.4
0.3
0.2
0.85
0.75
SOT765-1
Footprint information for reflow soldering of VSSOP8 package
sot765-1_fr
Issue date 13-07-02
18-10-09
recommended stencil thickness: 0.1 mm
occupied area
solder paste
solder resist
solder land
0.55
0.125
0.5
2.1
2.25
3.075
0.125
2.0
3.75 1.75
3.5
0.3
0.2
0.4
0.3
0.2
0.85
0.75
LFPAK33 (SOT1210)
LFPAK33 (SOT1210)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1210
sot1210_po
12-03-12
14-04-25
Unit(1)
mm
max
nom
min
0.90 0.10
0.35 0.20 0.30 2.70
0.65
A
Dimensions
Note
1. Plastic or metal protrusions of 0.15 mm per side are not included.
A1
b
0.35
b1
c
c1
D(1)
θ
D1
E(1)
E1
e
0.65
0.50
e1
H
3.40 2.45
2.35
3.40
L
0.25
Lp
0.50
0.20 0.10
w
y
3.20 2.00
0.80 0.00
0.25 0.10 0.20 2.50
0.25
0°
1.90
D2
3.20 0.13 0.30
8°
0
5 mm
2.5
scale
A
e1
e
X
θ
w
A
mounting
base
E1
c1
b1
b
A
E
L
D1
D2
H
D
detail X
C
c
A1
C
y
1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com