Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0108 Fiches technique(PDF) 166 Page - Nexperia B.V. All rights reserved

No de pièce LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Fiches technique(HTML) 166 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 162Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 163Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 164Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 165Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 166Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 167Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 168Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 169Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 170Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 234 page
background image
Control analog & logic ICs
Parity generators-checkers
Type number
Description
V
CC (V)
Logic switch-
ing levels
Output drive
capability (mA)
t
pd (ns)
Output Load
C
L (pF)
T
amb (°C)
74HC280
9-bit odd/even parity generator/checker
2.0 - 6.0
CMOS
±5.2
17
50
-40 to 125
74HCT280
9-bit odd/even parity generator/checker;
TTL-enabled
4.5 - 5.5
TTL
±4
18
50
-40 to 125
Digital comparators
Type number
Description
V
CC (V)
Logic switch-
ing levels
Output drive
capability
(mA)
t
pd (ns)
Output Load
C
L (pF)
T
amb (°C)
74HC688
8-bit magnitude comparator
2.0 - 6.0
CMOS
±5.2
17
50
-40 to 125
74HCT688
8-bit magnitude comparator; TTL-enabled
4.5 - 5.5
TTL
±4
17
50
-40 to 125
74HC85
4-bit magnitude comparator
2.0 - 6.0
CMOS
±5.2
23
50
-40 to 125
74HCT85
4-bit magnitude comparator; TTL-enabled
4.5 - 5.5
TTL
±4
26
50
-40 to 125
Nexperia selection guide 2020
166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More