Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0108 Fiches technique(PDF) 160 Page - Nexperia B.V. All rights reserved

No de pièce LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Fiches technique(HTML) 160 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 156Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 157Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 158Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 159Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 160Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 161Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 162Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 163Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 164Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 234 page
background image
Control analog & logic ICs
Types in
bold represent new products
AND Gates
Type number
Description
V
CC (V)
Logic
switching
levels
Output drive
capability
(mA)
t
pd (ns)
Output Load
C
L (typ) (pF)
f
max
(MHz)
Number
of bits
T
amb (°C)
74ABT08
Quad 2-input AND gate
4.5 - 5.5
TTL
-15 / 20
2.4
50
100
4
-40 to 85
74AHC08
Quad 2-input AND gate
2.0 - 5.5
CMOS
±8
3.5
50
60
4
-40 to 125
74AHC1G08
Single 2-input AND gate
2.0 - 5.5
CMOS
±8
3.2
50
60
1
-40 to 125
74AHC1G09
Single 2-input AND gate; open drain
2.0 - 5.5
CMOS
±8
3.2
50
60
1
-40 to 125
74AHC2G08
Dual 2-input AND gate
2.0 - 5.5
CMOS
±8
3.2
50
60
2
-40 to 125
74AHCT08
Quad 2-input AND gate; TTL-enabled
4.5 - 5.5
TTL
±8
5.0
50
60
4
-40 to 125
74AHCT1G08
Single 2-input AND gate; TTL-enabled
4.5 - 5.5
TTL
±8
3.6
50
60
1
-40 to 125
74AHCT2G08
Dual 2-Input AND gate; TTL-enabled
4.5 - 5.5
TTL
±8
3.6
50
60
2
-40 to 125
74ALVC08
Quad 2-input AND gate
1.65 - 3.6
CMOS/
LVTTL
±24
2.0
50
145
4
-40 to 85
74AUP1G08
Single 2-input AND gate
1.1 - 3.6
CMOS
±1.9
8.2
30
70
1
-40 to 125
74AUP1G09
Single 2-input AND gate; open drain
1.1 - 3.6
CMOS
1.9
8.5
30
70
1
-40 to 125
74AUP1G11
Single 3-input AND gate
1.1 - 3.6
CMOS
±1.9
6.9
30
70
1
-40 to 125
74AUP1T08
Single supply 2-input voltage-translating AND gate
2.3 - 3.6
CMOS
±4
3.6
15
70
1
-40 to 125
74AUP2G08
Dual 2-input AND gate
1.1 - 3.6
CMOS
±1.9
8.2
30
70
2
-40 to 125
74AXP1G08
Single 2-input AND gate
0.7 - 2.75
CMOS
±4.5
2.6
5
70
1
-40 to 85
74AXP1G09
Single 2-input AND gate with open-drain output
0.7 - 2.75
CMOS
±4.5
2.6
5
70
1
-40 to 85
74AXP1G11
Single 3-input AND gate
0.7 - 2.75
CMOS
±4.5
2.6
5
70
1
-40 to 85
74HC08
Quad 2-input AND gate
2.0 - 6.0
CMOS
±5.2
7.0
50
36
4
-40 to 125
74HC11
Triple 3-input AND gate
2.0 - 6.0
CMOS
±5.2
10
50
36
3
-40 to 125
74HC1G08
Single 2-input AND gate
2.0 - 6.0
CMOS
±5.2
7.0
50
36
1
-40 to 125
74HC21
Dual 4-input AND gate
2.0 - 6.0
CMOS
±5.2
10
50
36
2
-40 to 125
74HC2G08
Dual 2-input AND gate
2.0 - 6.0
CMOS
±5.2
9.0
50
36
2
-40 to 125
74HCT08
Quad 2-input AND gate; TTL-enabled
4.5 - 5.5
TTL
±4
11
50
36
4
-40 to 125
74HCT11
Triple 3-input AND gate
4.5 - 5.5
TTL
±4
11
50
36
3
-40 to 125
74HCT1G08
Single 2-input AND gate; TTL-enabled
4.5 - 5.5
TTL
±2
11
50
36
1
-40 to 125
74HCT2G08
Dual 2-Input AND gate; TTL-enabled
4.5 - 5.5
TTL
±4
14
50
36
2
-40 to 125
74LV08
Quad 2-input AND gate
1.0 - 5.5
TTL
±12
7.0
50
30
4
-40 to 125
74LV08A
Quad 2-input AND gate
2.0 - 5.5
CMOS
±12
4.3
15
45
4
-40 to 125
74LV1T08
Single supply 2-input translating AND gate
1.6 - 5.5
CMOS
±8
13.4
15
60
1
-40 to 125
74LVC08A
Quad 2-input AND gate
1.2 - 3.6
CMOS /
LVTTL
±24
2.1
50
150
4
-40 to 125
74LVC11
Triple 3-input AND gate
1.2 - 3.6
CMOS /
LVTTL
±24
3.7
50
150
3
-40 to 125
74LVC1G08
Single 2-input AND gate
1.65 - 5.5
CMOS /
LVTTL
±24
2.1
50
150
1
-40 to 125
74LVC1G11
Single 3-input AND gate
1.65 - 5.5
CMOS /
LVTTL
±24
2.6
50
150
1
-40 to 125
74LVC2G08
Dual 2-input AND gate
1.65 - 5.5
CMOS /
LVTTL
±24
2.1
50
150
2
-40 to 125
74LVT08
Quad 2-input AND gate
2.7 - 3.6
TTL
-20 / 32
3.4
50
150
4
-40 to 85
74VHC08
Quad 2-input AND gate
2.0 - 5.5
CMOS
±8
3.5
50
60
4
-40 to 125
74VHCT08
Quad 2-input AND gate; TTL-enabled
4.5 - 5.5
TTL
±8
5.0
50
60
4
-40 to 125
HEF4073B
Triple 3-input AND gate
3.0 - 15
CMOS
±2.4
20
50
10
3
-40 to 85
HEF4081B
Quad 2-input AND gate
3.0 - 15
CMOS
±2.4
20
50
10
4
-40 to 85
HEF4082B
Dual 4-input AND gate
3.0 - 15
CMOS
±2.4
25
50
10
2
-40 to 85
XC7SET08
Single 2-input AND gate; TTL-enabled
4.5 - 5.5
TTL
±8
3.6
50
60
1
-40 to 125
XC7SH08
Single 2-input AND gate
2.0 - 5.5
CMOS
±8
3.2
50
60
1
-40 to 125
Nexperia selection guide 2020
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com