Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0108 Fiches technique(PDF) 151 Page - Nexperia B.V. All rights reserved

No de pièce LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Fiches technique(HTML) 151 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 147Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 148Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 149Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 150Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 151Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 152Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 153Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 154Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 155Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 234 page
background image
Decoders/Demultiplexers
Type number
Description
V
CC (V)
Logic switch-
ing levels
Output drive
capability (mA)
t
pd (ns)
Output
Load C
L
(pF)
T
amb (°C)
74AHC138
3-to-8 line decoder/demultiplexer; inverting
2.0 - 5.5
CMOS
±8
4.4
50
-40 to 125
74AHC139
Dual 2-to-4 line decoder/demultiplexer
2.0 - 5.5
CMOS
±8
3.9
50
-40 to 125
74AHCT138
3-to-8 line decoder/demultiplexer; inverting;
TTL- enabled
4.5 - 5.5
TTL
±8
4.4
50
-40 to 125
74AHCT139
Dual 2-to-4 line decoder/demultiplexer; TTL-enabled
4.5 - 5.5
TTL
±8
3.6
50
-40 to 125
74AUP1G18
1-to-2 demultiplexer (3-state)
1.1 - 3.6
CMOS
±1.9
3.2
30
-40 to 125
74AUP1G19
1-to-2 decoder/demultiplexer
1.1 - 3.6
CMOS
±1.9
3.0
30
-40 to 125
74HC137
3-to-8 line decoder/demultiplexer with address latches;
inverting
2.0 - 6.0
CMOS
±5.2
18
50
-40 to 125
74HC138
3-to-8 line decoder/demultiplexer; inverting
2.0 - 6.0
CMOS
±5.2
12
50
-40 to 125
74HC139
Dual 2-to-4 line decoder/demultiplexer
2.0 - 6.0
CMOS
±5.2
14
50
-40 to 125
74HC154
4-to-16 line decoder/demultiplexer
2.0 - 6.0
CMOS
±5.2
11
50
-40 to 125
74HC237
3-to-8 decoder/demultiplexer with address latches
2.0 - 6.0
CMOS
±5.2
18
50
-40 to 125
74HC238
3-to-8 decoder/demultiplexer
2.0 - 6.0
CMOS
±5.2
14
50
-40 to 125
74HC42
BCD to decimal decoder (1-of-10)
2.0 - 6.0
CMOS
±5.2
17
50
-40 to 125
74HC4511
BCD to 7-segment latch/decoder/driver with lamp test
input
2.0 - 6.0
CMOS
-10
28
50
-40 to 125
74HC4514
4-to-16 decoder/demultiplexer with address latches
2.0 - 6.0
CMOS
±5.2
27
50
-40 to 125
74HC4515
4-to-16 decoder/demultiplexer with address latches;
inverting
2.0 - 6.0
CMOS
±5.2
29
50
-40 to 125
74HCT138
3-to-8 line decoder/demultiplexer; inverting;
TTL- enabled
4.5 - 5.5
TTL
±4
19
50
-40 to 125
74HCT139
Dual 2-to-4 line decoder/demultiplexer; TTL-enabled
4.5 - 5.5
TTL
±4
16
50
-40 to 125
74HCT154
4-to-16 line decoder/demultiplexer; TTL-enabled
4.5 - 5.5
TTL
±4
13
50
-40 to 125
74HCT238
3-to-8 decoder/demultiplexer; TTL-enabled
4.5 - 5.5
TTL
±4
18
50
-40 to 125
74HCT4511
BCD to 7-segment latch/decoder/driver with lamp test
input; TTL-enabled
4.5 - 5.5
TTL
-10
28
50
-40 to 125
74HCT4514
4-to-16 decoder/demultiplexer with address latches;
TTL-enabled
4.5 - 5.5
TTL
±4
30
50
-40 to 125
74LV138
3-to-8 line decoder/demultiplexer; inverting
1.0 - 5.5
TTL
±12
12
50
-40 to 125
74LVC138A
3-to-8 line decoder/demultiplexer; inverting
1.2 - 3.6
CMOS/LVTTL
±24
2.7
50
-40 to 125
74LVC139
Dual 2-to-4 line decoder/demultiplexer
1.2 - 3.6
CMOS/LVTTL
±24
2.5
50
-40 to 125
74LVC1G18
1-to-2 demultiplexer (3-state)
1.65 - 5.5
CMOS/LVTTL
±32
2.3
50
-40 to 125
74LVC1G19
1-to-2 decoder/demultiplexer
1.65 - 5.5
CMOS/LVTTL
±32
1.8
50
-40 to 125
HEF4028B
1-of-10 decoder
3.0 - 15.0
CMOS
±2.4
30
50
-40 to 85
HEF4543B
BCD to 7-segment latch/decoder/driver with
phase input
3.0 - 15.0
CMOS
±2.4
55
50
-40 to 85
HEF4555B
Dual 1-to-4 line decoder/demultiplexer
3.0 - 15.0
CMOS
±2.4
30
50
-40 to 85
I/O expansion
151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com