| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F101RBU6 Fiches technique(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101RBU6 Fiches technique(HTML) 26 Page - STMicroelectronics |
|
26 / 101 page ![]() Pinouts and pin description STM32F101x8, STM32F101xB 26/101 DocID13586 Rev 17 23 31 49 18 VSS_1 S- VSS_1 -- 24 32 50 19 VDD_1 S- VDD_1 -- 25 33 51 - PB12 I/O FT PB12 SPI2_NSS / I2C2_SMBA / USART3_CK (8) - 26 34 52 - PB13 I/O FT PB13 SPI2_SCK/ USART3_CTS(8) - 27 35 53 - PB14 I/O FT PB14 SPI2_MISO/ USART3_RTS(8) - 28 36 54 - PB15 I/O FT PB15 SPI2_MOSI - - - 55 - PD8 I/O FT PD8 - USART3_TX - - 56 - PD9 I/O FT PD9 - USART3_RX - - 57 - PD10 I/O FT PD10 - USART3_CK - - 58 - PD11 I/O FT PD11 - USART3_CTS - - 59 - PD12 I/O FT PD12 - TIM4_CH1 / USART3_RTS - - 60 - PD13 I/O FT PD13 - TIM4_CH2 - - 61 - PD14 I/O FT PD14 - TIM4_CH3 - - 62 - PD15 I/O FT PD15 - TIM4_CH4 - 37 63 - PC6 I/O FT PC6 - TIM3_CH1 - 38 64 - PC7 I/O FT PC7 - TIM3_CH2 - 39 65 - PC8 I/O FT PC8 - TIM3_CH3 - 40 66 - PC9 I/O FT PC9 - TIM3_CH4 29 41 67 20 PA8 I/O FT PA8 USART1_CK/MCO - 30 42 68 21 PA9 I/O FT PA9 USART1_TX(8) - 31 43 69 22 PA10 I/O FT PA10 USART1_RX(8) - 32 44 70 23 PA11 I/O FT PA11 USART1_CTS - 33 45 71 24 PA12 I/O FT PA12 USART1_RTS - 34 46 72 25 PA13 I/O FT JTMS- SWDIO -PA13 - - 73 - Not connected - Table 4. Medium-density STM32F101xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(3)(4) Default Remap |