Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F101RBU6 Fiches technique(PDF) 86 Page - STMicroelectronics

No de pièce STM32F101RBU6
Description  Medium-density access line, ARM®-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101RBU6 Fiches technique(HTML) 86 Page - STMicroelectronics

Back Button STM32F101RBU6 Datasheet HTML 82Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 83Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 84Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 85Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 86Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 87Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 88Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 89Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 101 page
background image
Package characteristics
STM32F101x8, STM32F101xB
86/101
DocID13586 Rev 17
6.6
LQFP48 package information
Figure 49. LQFP48 - 48-pin, 7 x 7 mm low-profile quad flat package outline
1. Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More