Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H533CEU6TR Fiches technique(PDF) 95 Page - STMicroelectronics

No de pièce STM32H533CEU6TR
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU6TR Fiches technique(HTML) 95 Page - STMicroelectronics

Back Button STM32H533CEU6TR Datasheet HTML 91Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 92Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 93Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 94Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 95Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 96Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 97Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 98Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 231 page
background image
PG0
-
-
-
-
FMC_A10
-
-
EVENTOUT
PG1
-
-
-
-
FMC_A11
-
-
EVENTOUT
PG2
-
-
-
-
FMC_A12
-
-
EVENTOUT
PG3
-
-
-
-
FMC_A13
-
-
EVENTOUT
PG4
-
-
-
-
FMC_A14
-
-
EVENTOUT
PG5
-
-
-
-
FMC_A15
-
-
EVENTOUT
PG6
-
-
OCTOSPI1_NCS
UCPD1_FRSTX
FMC_NE3
DCMI_D12/PSSI_D12
-
EVENTOUT
PG7
-
-
-
UCPD1_FRSTX
FMC_INT
DCMI_D13/PSSI_D13
-
EVENTOUT
PG8
-
-
-
-
-
-
-
EVENTOUT
PG9
-
OCTOSPI1_IO6
-
SDMMC1_D0
FMC_NE2/FMC_NCE
DCMI_VSYNC/PSSI_R
DY
-EVENTOUT
PG10
-
-
-
SDMMC1_D1
FMC_NE3
DCMI_D2/PSSI_D2
-
EVENTOUT
PG11
-
-
SDMMC1_D2
-
-
DCMI_D3/PSSI_D3
-
EVENTOUT
PG12
-
-
SDMMC1_D3
-
FMC_NE4
DCMI_D11/PSSI_D11
-
EVENTOUT
PG13
-
-
-
-
FMC_A24
-
-
EVENTOUT
PG14
-
OCTOSPI1_IO7
-
-
FMC_A25
-
-
EVENTOUT
PG15
-
-
-
-
-
DCMI_D13/PSSI_D13
-
EVENTOUT
PH0
-
-
-
-
-
-
-
EVENTOUT
PH1
-
-
-
-
-
-
-
EVENTOUT
1. Refer to the previous table for AF0 to AF7.
Table 16. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
LPUART1/S
DMMC1/UA
RT4/5
FDCAN1/2/FMC[NAND16)/
FMC[NORmux)/FMC[NOR_RAM)/
I2C3/I3C2/OCTOSPI
CRS/FMC[NAND1
6)/I3C2/OCTOSPI/
SDMMC1/USB_
FMC[NAND16)/
OCTOSPI/SDM
MC1/USB_PD
FMC[NAND16)/FMC
[NORmux)/FMC[NO
R_RAM)/SDMMC1
DCMI/FMC[NAND16
)/FMC[NORmux)/FM
C[NOR_RAM)
TIM2/UART
5/USART6
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More