| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32H533CEU6TR Fiches technique(PDF) 88 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H533CEU6TR Fiches technique(HTML) 88 Page - STMicroelectronics |
|
88 / 231 page ![]() PG0 - - - - - - - - PG1 - - - - - - - SPI2_MOSI/I2S2_S DO PG2 - - - TIM8_BKIN - - - - PG3 - - - TIM8_BKIN2 - - - - PG4 - TIM1_BKIN2 - - - - - - PG5 - TIM1_ETR - - - - - - PG6 - - - I3C1_SDA - SPI1_RDY - - PG7 - - - I3C1_SCL - - - USART6_CK PG8 - - - TIM8_ETR - SPI3_MOSI/I2S3_SD O - USART6_RTS PG9 - - - - - SPI1_MISO/I2S1_SDI - USART6_RX PG10 - - - - - SPI1_NSS/I2S1_WS - - PG11 - LPTIM1_IN2 - - - SPI1_SCK/I2S1_CK - - PG12 - LPTIM1_IN1 - - PSSI_D15 - - USART6_RTS PG13 TRACED0 LPTIM1_CH1 - - - - - USART6_CTS/USA RT6_NSS PG14 TRACED1 LPTIM1_ETR - - LPTIM1_CH2 - - USART6_TX PG15 - - - - - SPI4_RDY - USART6_CTS/USA RT6_NSS PH0 - - - - - - - - PH1 - - - - - - - - 1. Refer to the next table for AF8 to AF15. Table 15. Alternate function AF0 to AF7(1) (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 SYS LPTIM1/ TIM1/2 TIM3/4/5/ 8/12/15 I3C1/2/LPTIM2/LP UART1/OCTOSPI/ TIM1/8 CEC/DCMI/I2C1/2/3/L PTIM1/2/SPI1/I2S1/SP I3/I2S3/TIM15/USART 1 CEC/I3C1/LPTIM1/S PI1/I2S1/SPI2/I2S2/S PI3/I2S3/SPI4 OCTOSPI/SPI1/I2S1/SPI2/I 2S2/SPI3/I2S3/SPI4/UART 4/USART6/USB_PD SDMMC1/SPI2/I2S 2/SPI3/I2S3/USAR T1/2/3/6 |