Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H533CEU6 Fiches technique(PDF) 88 Page - STMicroelectronics

No de pièce STM32H533CEU6
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU6 Fiches technique(HTML) 88 Page - STMicroelectronics

Back Button STM32H533CEU6 Datasheet HTML 84Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 85Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 86Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 87Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 88Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 89Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 90Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 91Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 231 page
background image
PG0
-
-
-
-
-
-
-
-
PG1
-
-
-
-
-
-
-
SPI2_MOSI/I2S2_S
DO
PG2
-
-
-
TIM8_BKIN
-
-
-
-
PG3
-
-
-
TIM8_BKIN2
-
-
-
-
PG4
-
TIM1_BKIN2
-
-
-
-
-
-
PG5
-
TIM1_ETR
-
-
-
-
-
-
PG6
-
-
-
I3C1_SDA
-
SPI1_RDY
-
-
PG7
-
-
-
I3C1_SCL
-
-
-
USART6_CK
PG8
-
-
-
TIM8_ETR
-
SPI3_MOSI/I2S3_SD
O
-
USART6_RTS
PG9
-
-
-
-
-
SPI1_MISO/I2S1_SDI
-
USART6_RX
PG10
-
-
-
-
-
SPI1_NSS/I2S1_WS
-
-
PG11
-
LPTIM1_IN2
-
-
-
SPI1_SCK/I2S1_CK
-
-
PG12
-
LPTIM1_IN1
-
-
PSSI_D15
-
-
USART6_RTS
PG13
TRACED0
LPTIM1_CH1
-
-
-
-
-
USART6_CTS/USA
RT6_NSS
PG14
TRACED1
LPTIM1_ETR
-
-
LPTIM1_CH2
-
-
USART6_TX
PG15
-
-
-
-
-
SPI4_RDY
-
USART6_CTS/USA
RT6_NSS
PH0
-
-
-
-
-
-
-
-
PH1
-
-
-
-
-
-
-
-
1. Refer to the next table for AF8 to AF15.
Table 15. Alternate function AF0 to AF7(1) (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
SYS
LPTIM1/
TIM1/2
TIM3/4/5/
8/12/15
I3C1/2/LPTIM2/LP
UART1/OCTOSPI/
TIM1/8
CEC/DCMI/I2C1/2/3/L
PTIM1/2/SPI1/I2S1/SP
I3/I2S3/TIM15/USART
1
CEC/I3C1/LPTIM1/S
PI1/I2S1/SPI2/I2S2/S
PI3/I2S3/SPI4
OCTOSPI/SPI1/I2S1/SPI2/I
2S2/SPI3/I2S3/SPI4/UART
4/USART6/USB_PD
SDMMC1/SPI2/I2S
2/SPI3/I2S3/USAR
T1/2/3/6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More