Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H533CEU6 Fiches technique(PDF) 61 Page - STMicroelectronics

No de pièce STM32H533CEU6
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU6 Fiches technique(HTML) 61 Page - STMicroelectronics

Back Button STM32H533CEU6 Datasheet HTML 57Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 58Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 59Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 60Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 61Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 62Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 63Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 64Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 231 page
background image
DS14539 Rev 1
61/231
STM32H533xx
Pinout, pin description and alternate function
66
4
Pinout, pin description and alternate function
4.1
Pinout/ballout schematics
Figure 4. WLCSP39 pinout
1. The above figure shows the package top view.
Figure 5. LQFP48 pinout
1. The above figure shows the package top view.
MSv73002V1
A
B
C
D
E
F
G
PA14
PA15
PB3
PB4
PA12
PA13
BOOT0
PA11
PB7
PB8
PC13
PA8
PA3
PA1
PB15
PA5
PA4
PA2
VSS
PA6
PA7
VDD
VCAP
PB1
PB0
VCAP
VDD
VBAT
VSS
PC15-
OSC32_
OUT
PC14-
OSC32_
IN
PH1-
OSC_
OUT
PH0-
OSC_IN
PA0
NRST
VSS
VSSA
VDD
VDDA
MSv73001V1
LQFP48
1
2
3
4
5
6
7
8
9
10
11
12
VBAT
PC13
PC14-OSC32_IN
PC15-OSC32_OUT
PH0-OSC_IN
PH1-OSC_OUT
NRST
VSSA
VDDA
PA0
PA1
PA2
36
35
34
33
32
31
30
29
28
27
26
25
VDD
VSS
PA13
PA12
PA11
PA10
PA9
PA8
PB15
PB14
PB13
PB12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More