Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1523708 Fiches technique(PDF) 2 Page - PHOENIX CONTACT

No de pièce 1523708
Description  NBC-R4OC/15,0-BC6A/R4OC-GR - Patch cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1523708 Fiches technique(HTML) 2 Page - PHOENIX CONTACT

  1523708 Datasheet HTML 1Page - PHOENIX CONTACT 1523708 Datasheet HTML 2Page - PHOENIX CONTACT 1523708 Datasheet HTML 3Page - PHOENIX CONTACT 1523708 Datasheet HTML 4Page - PHOENIX CONTACT 1523708 Datasheet HTML 5Page - PHOENIX CONTACT 1523708 Datasheet HTML 6Page - PHOENIX CONTACT 1523708 Datasheet HTML 7Page - PHOENIX CONTACT 1523708 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Product properties
Product type
Data cable preassembled
Product family
RJ45 STANDARD CAT6A
Sensor type
Ethernet
Number of positions
8
Shielded
yes
Electrical properties
Rated voltage (III/2)
72 V
Power transmission
PoE++
Connector
Connection 1
Dimensional drawing
Connector pin assignment plug RJ45
Type
RJ45 Plug, straight, 8-position
Number of positions
8
Shielded
yes
Signal type/category
Ethernet CAT6A (IEC 11801:2002), 10 Gbps
Insertion/withdrawal cycles
≥ 750
Insertion force
30 N (per signal contact)
Withdrawal force
50 N (per signal contact)
Overvoltage category
I
Degree of pollution
2
Material Contact
Brass
Material Contact surface
Au
Material Contact carrier
PC
Color (Housing)
green
Flammability rating according to UL 94
V0
Degree of protection
IP20
Ambient temperature (operation)
-20 °C ... 80 °C
Connection 2
NBC-R4OC/15,0-BC6A/R4OC-GR - Patch cable
1523708
https://www.phoenixcontact.com/us/products/1523708
Nov 25, 2025, 12:15AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com