Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1523708 Fiches technique(PDF) 1 Page - PHOENIX CONTACT

No de pièce 1523708
Description  NBC-R4OC/15,0-BC6A/R4OC-GR - Patch cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1523708 Fiches technique(HTML) 1 Page - PHOENIX CONTACT

  1523708 Datasheet HTML 1Page - PHOENIX CONTACT 1523708 Datasheet HTML 2Page - PHOENIX CONTACT 1523708 Datasheet HTML 3Page - PHOENIX CONTACT 1523708 Datasheet HTML 4Page - PHOENIX CONTACT 1523708 Datasheet HTML 5Page - PHOENIX CONTACT 1523708 Datasheet HTML 6Page - PHOENIX CONTACT 1523708 Datasheet HTML 7Page - PHOENIX CONTACT 1523708 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Patch cable, RJ45/IP20 straight on RJ45/IP20 straight, cable length: 15 m, number of positions:
8, CAT6A, connection cross section: AWG 26- 26, Ethernet, 4x2xAWG26/7; S/FTP, green
Your advantages
Perfect for office, building, and protected industrial applications (e.g., in control cabinets)
•
Worldwide approval with CE, UL, WEEE, and EAC
•
Secure connection and disconnection with reliable locking clip protection
•
Ideal EMC properties, thanks to 360° shielding
•
Simultaneous power transmission with PoE++
•
Future-proof high-speed data transmission with up to 10 Gbps (CAT6<sub>A</sub>)
•
Commercial data
Item number
1523708
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
AB11
Product key
ABNABH
GTIN
4063151990282
Weight per piece (including packing)
794 g
Weight per piece (excluding packing)
793.1 g
Customs tariff number
85444210
Country of origin
CN
NBC-R4OC/15,0-BC6A/R4OC-GR - Patch cable
1523708
https://www.phoenixcontact.com/us/products/1523708
Nov 25, 2025, 12:15AM
Page 1 (8)


Numéro de pièce similaire - 1523708

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
1523700 PHOENIX-1523700 Datasheet
221Kb / 8P
NBC-R4OC/1,5-BC6A/R4OC-GR - Patch cable
1523701 PHOENIX-1523701 Datasheet
221Kb / 8P
NBC-R4OC/2,0-BC6A/R4OC-GR - Patch cable
1523702 PHOENIX-1523702 Datasheet
221Kb / 8P
NBC-R4OC/3,0-BC6A/R4OC-GR - Patch cable
1523703 PHOENIX-1523703 Datasheet
221Kb / 8P
NBC-R4OC/5,0-BC6A/R4OC-GR - Patch cable
1523704 PHOENIX-1523704 Datasheet
220Kb / 8P
NBC-R4OC/7,5-BC6A/R4OC-GR - Patch cable
More results

Description similaire - 1523708

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
2891372 PHOENIX-2891372 Datasheet
85Kb / 5P
Patch cable - FL CAT6 PATCH 15,0
09/12/2020
1113323 PHOENIX-1113323 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/15,0-93M/R4ACS
1113328 PHOENIX-1113328 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/15,0-93B/R4ACS
1413165 PHOENIX-1413165 Datasheet
568Kb / 18P
NBC-R4AC1/15,0-94G/R4AC1-BU - Patch cable
1113142 PHOENIX-1113142 Datasheet
219Kb / 5P
NBC-R4ACS/15,0-93K/R4ACS - Patch cable
1367339 PHOENIX-1367339 Datasheet
440Kb / 14P
NBC-R4OC/5,0-BC6A/R4OC-BL - Patch cable
1367340 PHOENIX-1367340 Datasheet
440Kb / 14P
NBC-R4OC/7,0-BC6A/R4OC-BL - Patch cable
1367336 PHOENIX-1367336 Datasheet
439Kb / 14P
NBC-R4OC/30,0-BC6A/R4OC - Patch cable
1367337 PHOENIX-1367337 Datasheet
440Kb / 14P
NBC-R4OC/50,0-BC6A/R4OC - Patch cable
1367338 PHOENIX-1367338 Datasheet
448Kb / 16P
NBC-R4OC/2,0-BC6A/R4OC-BL - Patch cable
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com