| Moteur de recherche de fiches techniques de composants électroniques |
|
BCX54 Fiches technique(PDF) 1 Page - Multicomp Pro |
|
|
|||||||||||||||||||||||||||||
BCX54 Fiches technique(HTML) 1 Page - Multicomp Pro |
|
1 / 5 page ![]() Page <1> V1.0 11/09/19 PNP Medium Power Transistor Newark.com/multicomp-pro Farnell.com/multicomp-pro Element14.com/multicomp-pro Maximum Ratings Features: • For AF driver and output stages • High collector current • Low collector-emitter saturation voltage • Complementary types: BCX54/BCX55/BCX56 Applications: • Medium power general purposes • Driver stages of audio amplifiers Parameter Symbol Value Unit Collector - Base Voltage - BCX51 - BCX52 - BCX53 VCBO -45 -60 -100 V Collector - Emitter Voltage - BCX51 - BCX52 - BCX53 VCEO -45 -60 -80 Emitter - Base Voltage Vebo -5 Collector Current - Continuous IC -1 A Collector Current - Peak ICM -1.5 Total device Dissipation PD 500 mW Junction and Storage Temperature Tj, Tstg -65 to +150 °C Collector 3 1 Base 2 Emitter PNP Pin Configuration: 1. Base 2. Emitter 3. Collector |
Numéro de pièce similaire - BCX54 |
|
Description similaire - BCX54 |