| Moteur de recherche de fiches techniques de composants électroniques |
|
KPTC0 Fiches technique(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
KPTC0 Fiches technique(HTML) 2 Page - ITT Industries |
|
2 / 21 page ![]() KPTC Subject to changes Introduction The miniature circular connectors series KPTC from ITT Cannon are especially used in the machine and in the automotive industries. They are designed for the usage with crimp contacts which are to be ordered separately. The contacts are packed separately for the termination process. To keep up with the market trends and for logistic reasons ITT Cannon offers zinc / cobalt as an alternative to nickel. For current projects, the nickel finish is still offered. However, zinc / cobalt should be the preferred finish as it features a much higher corrosion resistance. Contents Technical data................................................................................................................................................ 3 How to order................................................................................................................................................. 4 Contact arrangements.................................................................................................................................... 5 Alternate insert positions................................................................................................................................ 8 Box mounting receptacles.............................................................................................................................. 9 Wall mounting receptacles...........................................................................................................................10 Straight plugs....................................................................................................................................................12 Jam nut receptacles ......................................................................................................................................14 Panel cut-outs...................................................................................................................................................16 Components and accessories..................................................................................................................... 18 Tools............................................................................................................................................................... 20 Product safety information............................................................................................................................ 21 |