Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCC4016B Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce HCC4016B
Description  QUAD BILATERAL SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4016B Fiches technique(HTML) 3 Page - STMicroelectronics

  HCC4016B Datasheet HTML 1Page - STMicroelectronics HCC4016B Datasheet HTML 2Page - STMicroelectronics HCC4016B Datasheet HTML 3Page - STMicroelectronics HCC4016B Datasheet HTML 4Page - STMicroelectronics HCC4016B Datasheet HTML 5Page - STMicroelectronics HCC4016B Datasheet HTML 6Page - STMicroelectronics HCC4016B Datasheet HTML 7Page - STMicroelectronics HCC4016B Datasheet HTML 8Page - STMicroelectronics HCC4016B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SCHEMATIC DIAGRAM
1 OF 4 IDENTICAL SECTION
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions
Value
V C =V SS
V DD
T Low*
25
°CT
Hig h*
Symbol
Parameter
V DD (V)
(V)
Mi n. Max. Min. Typ. Max. Min. Max.
Unit
I L
Quiescent
Device
Current (all
switches
on or all
switches
off)
HCC
Types
5
0.25
0.01
0.25
7.5
µA
10
0.5
0.01
0.5
15
15
1
0.01
1
30
20
5
0.02
5
150
HCF
Types
5
1
0.01
1
7.5
10
2
0.01
2
15
15
4
0.01
4
30
SWI TCH
V IS
RON
Resistance
HCC
R L =10k
Ω• + 7.5 – 7.5
+ 7.5
– 7.5
± 0.25
360
360
775
200
200
280
400
400
850
600
600
1230
Ω
HCF
+ 7.5
– 7.5
± 0.25
370
370
790
200
200
280
400
400
850
520
520
1080
HCC
R L =10k
Ω• +5 – 5
+5
–5
± 0.25
600
600
1870
250
250
580
660
660
2000
960
960
2600
HCF
+5
–5
± 0.25
610
610
1900
250
250
580
660
660
2000
840
840
2380
*TLow=– 55
°Cfor HCC device : – 40°Cfor HCF device.
*THigh=+125
°C for HCC device : + 85°C for HCF device.
HCC/HCF4016B
3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15