Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCC4016B Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce HCC4016B
Description  QUAD BILATERAL SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4016B Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button HCC4016B Datasheet HTML 3Page - STMicroelectronics HCC4016B Datasheet HTML 4Page - STMicroelectronics HCC4016B Datasheet HTML 5Page - STMicroelectronics HCC4016B Datasheet HTML 6Page - STMicroelectronics HCC4016B Datasheet HTML 7Page - STMicroelectronics HCC4016B Datasheet HTML 8Page - STMicroelectronics HCC4016B Datasheet HTML 9Page - STMicroelectronics HCC4016B Datasheet HTML 10Page - STMicroelectronics HCC4016B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Typical ”ON” Characteristics for 1 of 4 switches with VDD = + 5V, VSS = – 5V, and Test Circuit.
Typical ”ON” Characteristics for 1 of 4 switches with VDD = + 2.5V, VSS = – 2.5V, and Test Circuit.
Typical ”ON” Characteristics as function of temp.for 1 of 4 switches with VDD = + 5V and Test Circuit.
HCC/HCF4016B
7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15