Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RD35T-R56K-H Fiches technique(PDF) 8 Page - ABCO ELECTRONICS CO.LTD

No de pièce RD35T-R56K-H
Description  RADIAL LEADED INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABCO [ABCO ELECTRONICS CO.LTD]
Site Internet  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

RD35T-R56K-H Fiches technique(HTML) 8 Page - ABCO ELECTRONICS CO.LTD

  RD35T-R56K-H Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD RD35T-R56K-H Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD RD35T-R56K-H Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD RD35T-R56K-H Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD RD35T-R56K-H Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD RD35T-R56K-H Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD RD35T-R56K-H Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD RD35T-R56K-H Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
64
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
●
DC Bias Characteristics (Measured by HP4284A + HP42841A)
●
Temperature Characteristics(Measured by HP4284A + HP42841A)
●
Q-Characteristics(Measured by HP 4285A + HP 42851A)
RD35/RD35H
RD40
RD45
820
µH
8200
µH
2200
µH
220
µH
22
µH
2.2
µH
1000
100
10
10
100
0.1
1000
10000
Frequency[MHz]
1000
100
10
100
0.1
1000
10000
Frequency[MHz]
1000
100
10
100
0.1
1000
10000
Frequency[MHz]
100
µH
1000
µH
10
µH
1.0
µH
10000
100
10
1
1000
0.1
100
10
1
0.1
1000
RD35/RD35H
RD40
RD45
DC Bias[mA]
10000
100
10
1
1000
0.1
100
10
1
0.1
1000
DC Bias[mA]
100000
1000
100
10000
10
100
10
1
0.1
1000
DC Bias[mA]
1000
µH
100
µH
10
µH
1.0
µH
2200
µH
220
µH
22
µH
2.2
µH
8200
µH
820
µH
RD35/RD35H
RD40
RD45
100
µH
10
µH
5
4
3
2
1
0
-1
-2
-3
-4
-5
-40 -20
0
20
40
60
80
100 120
Temperature[
ûC]
820
µH
8200
µH
2200
µH
220
µH
22
µH
2.2
µH
5
4
3
2
1
0
-1
-2
-3
-4
-5
-40 -20
0
20
40
60
80
100 120
Temperature[
ûC]
5
4
3
2
1
0
-1
-2
-3
-4
-5
-40 -20
0
20
40
60
80
100 120
Temperature[
ûC]
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com