Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RD35T-R56K-H Fiches technique(PDF) 4 Page - ABCO ELECTRONICS CO.LTD

No de pièce RD35T-R56K-H
Description  RADIAL LEADED INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABCO [ABCO ELECTRONICS CO.LTD]
Site Internet  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

RD35T-R56K-H Fiches technique(HTML) 4 Page - ABCO ELECTRONICS CO.LTD

  RD35T-R56K-H Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD RD35T-R56K-H Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD RD35T-R56K-H Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD RD35T-R56K-H Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD RD35T-R56K-H Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD RD35T-R56K-H Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD RD35T-R56K-H Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD RD35T-R56K-H Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
60
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Measuring
Self-Resonant
DC
Rated
Ordering Code
Inductance
Inductanced
Q
Frequency
Frequency
Resistance
Current
[µH]
Tolerance
(min.)
[MHz]
[MHz]
[
Ω][mA]
(min.)
(max.)
(max.)
ITEM PART NUMBERS
●
RD35
RD35R22K
0.22
170
0.09
1000
RD35R27K
0.27
160
0.10
980
RD35R33K
0.33
140
0.11
960
RD35R39K
0.39
130
0.12
940
RD35R47K
0.47
120
0.13
910
RD35R56K
0.56
110
0.14
880
RD35R68K
0.68
100
0.15
850
RD35R82K
0.82
90
0.16
820
RD351R0K
1.0
82
0.17
790
RD351R2K
1.2
70
0.18
760
RD351R5K
1.5
65
0.20
730
RD351R8K
1.8
57
0.22
700
RD352R2K
2.2
47
0.24
670
RD352R7K
2.7
40
0.26
640
RD353R3K
3.3
35
0.28
610
RD353R9K
3.9
33
0.30
580
RD354R7K
4.7
31
0.33
560
RD355R6K
5.6
27
0.36
540
RD356R8K
6.8
24
0.39
520
RD358R2K
8.2
22
0.42
490
RD35100K
10
21
0.45
460
RD35120K
12
18
1.2
350
RD35150K
15
16
1.3
330
RD35180K
18
14
1.4
300
RD35220K
22
13
1.5
270
RD35270K
27
12
1.6
250
RD35330K
33
11
1.8
235
RD35390K
39
10
2.0
220
RD35470K
47
9.5
2.2
200
RD35560K
56
9.0
2.4
190
RD35680K
68
8.5
2.8
170
RD35820K
82
8.0
3.0
155
RD35101K
100
7.5
3.3
150
RD35121K
120
6.8
4.2
140
RD35151K
150
6.2
5.0
130
RD35181K
180
5.6
6.0
125
RD35221K
220
5.0
7.5
120
RD35271K
270
4.6
11
105
RD35331K
330
4.2
13
95
RD35391K
390
3.8
15
90
RD35471K
470
3.4
17
80
RD35561K
560
3.0
19
75
RD35681K
680
2.6
22
68
RD35821K
820
2.2
25
60
RD35102K
1000
2.0
28
55
± 10%
(
± 5%)
50
25.2
7.96
2.52
0.796



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com