Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RD35T-R39K-H Fiches technique(PDF) 6 Page - ABCO ELECTRONICS CO.LTD

No de pièce RD35T-R39K-H
Description  RADIAL LEADED INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABCO [ABCO ELECTRONICS CO.LTD]
Site Internet  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

RD35T-R39K-H Fiches technique(HTML) 6 Page - ABCO ELECTRONICS CO.LTD

  RD35T-R39K-H Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD RD35T-R39K-H Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD RD35T-R39K-H Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD RD35T-R39K-H Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD RD35T-R39K-H Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD RD35T-R39K-H Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD RD35T-R39K-H Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD RD35T-R39K-H Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
62
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
ITEM PART NUMBERS
Measuring
Self-Resonant
DC
Rated
Ordering Code
Inductance
Inductanced
Q
Frequency
Frequency
Resistance
Current
[µH]
Tolerance
(min.)
[MHz]
[MHz]
[
Ω][mA]
(min.)
(max.)
(max.)
●
RD40
RD40R22K
0.22
RD40R27K
0.27
RD40R33K
0.33
RD40R39K
0.39
RD40R47K
0.47
RD40R56K
0.56
RD40R68K
0.68
RD40R82K
0.82
RD401R0K
1.0
RD401R2K
1.2
RD401R5K
1.5
RD401R8K
1.8
RD402R2K
2.2
RD402R7K
2.7
RD403R3K
3.3
RD403R9K
3.9
RD404R7K
4.7
RD405R6K
5.6
RD406R8K
6.8
RD408R2K
8.2
RD40100K
10
RD40120K
12
RD40150K
15
RD40180K
18
RD40220K
22
RD40270K
27
RD40330K
33
RD40390K
39
RD40470K
47
RD40560K
56
RD40680K
68
RD40820K
82
RD40101K
100
RD40121K
120
RD40151K
150
RD40181K
180
RD40221K
220
RD40271K
270
RD40331K
330
RD40391K
390
RD40471K
470
RD40561K
560
RD40681K
680
RD40821K
820
RD40102K
1000
RD40122K
1200
RD40152K
1500
RD40182K
1800
RD40222K
2200
150
150
150
130
130
130
120
120
100
85
70
60
55
50
45
40
35
33
27
25
20
18
17
15
13
11
10.5
10.0
9.5
9.0
8.5
7.5
6.8
6.2
5.7
5.3
4.0
3.6
3.3
3.0
2.8
2.4
2.2
2.0
1.8
1.7
1.5
1.4
1.2
0.15
0.15
0.15
0.15
0.15
0.20
0.20
0.20
0.20
0.20
0.22
0.22
0.25
0.27
0.30
0.32
0.35
0.37
0.40
0.45
0.80
0.90
1.0
1.2
1.4
1.7
2.0
2.4
2.7
2.9
3.1
3.3
3.3
3.5
3.7
4.0
5.2
5.8
6.5
7.5
8.0
12.5
14.0
15.5
18.5
29.0
34.0
37.0
32.0
816
816
816
816
816
707
707
707
707
707
674
674
632
608
577
559
534
519
500
471
353
333
316
288
267
242
223
204
192
185
179
174
174
169
164
158
138
131
124
115
111
89
84
80
73
58
54
51
48
± 10%
(
± 5%)
50
25.2
7.96
2.52
0.796
0.252
30
45
40



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com