Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RD35T-R39K-H Fiches technique(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

No de pièce RD35T-R39K-H
Description  RADIAL LEADED INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABCO [ABCO ELECTRONICS CO.LTD]
Site Internet  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

RD35T-R39K-H Fiches technique(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  RD35T-R39K-H Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD RD35T-R39K-H Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD RD35T-R39K-H Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD RD35T-R39K-H Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD RD35T-R39K-H Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD RD35T-R39K-H Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD RD35T-R39K-H Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD RD35T-R39K-H Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
57
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
TYPE
TYPE DIMENSTION
MARKING INDUCTANCE
INDUCTANCE TOLERENCE
Inductance[
µH]
Color
1st Digit
2nd
Multiplier
Digit
■FEATURES
• The RD Series inductors are available in 3 from factors
range from 35 to 45.
• For small current applications
■APPLICATION
Consumer electronics such as VCR,TV and Monitor other
electronic equipment.
RADIAL LEADED INDUCTORS
-25 ~ +85
˚C (Including self-generated heat)
■OPERATING TEMP
■ORDERING CODE
RD
Radial Leaded Inductor
1
35
6.0
× 4.0
40
8.0
× 5.0
45
9.5
× 6.0
2
R22
0.22
µH
1R5
1.5
µH
120
12
µH
3
J
± 5%
K
± 10%
4
Black
0
× 1
Brown
1
× 10
Red
2
× 100
Orange
3
× 1000
Yellow
4
-
Green
5
-
Blue
6
-
Purple
7
-
Grey
8
-
White
9
-
Gold
-
× 0.1
Silver
-
× 0.01
1
2
3
1
2
3
■MARKING
RD
1
35
2
K
4
101
3


Numéro de pièce similaire - RD35T-R39K-H

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
RD35 ASTRODYNE-RD35 Datasheet
296Kb / 4P
35W Dual Output Switching Power Supply
RD35-A ASTRODYNE-RD35-A Datasheet
296Kb / 4P
35W Dual Output Switching Power Supply
RD35-B ASTRODYNE-RD35-B Datasheet
296Kb / 4P
35W Dual Output Switching Power Supply
logo
Mitsubishi Electric Sem...
RD35HUF2 MITSUBISHI-RD35HUF2 Datasheet
1Mb / 20P
Silicon MOSFET Power Transistor, 175MHz, 530MHz, 35W
More results

Description similaire - RD35T-R39K-H

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB3R3M TAIYO-YUDEN-LHL08TB3R3M Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL08TB5R6M TAIYO-YUDEN-LHL08TB5R6M Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL08TB103J TAIYO-YUDEN-LHL08TB103J Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL08TB153J TAIYO-YUDEN-LHL08TB153J Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL08TB330K TAIYO-YUDEN-LHL08TB330K Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL16TB152J TAIYO-YUDEN-LHL16TB152J Datasheet
137Kb / 1P
Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com