| Moteur de recherche de fiches techniques de composants électroniques |
|
HCF4010 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4010 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 14 page ![]() Typical Transition Time vs. Load Capacitance. Typical Dynamic Power Dissipation vs. Input Fre- quency. TYPICAL APPLICATIONS The bar on the output line of this logic diagram indicates that the output is open drain as is shown in the pre- vious schematic diagram and truth table. Logic Diagram of The HCC/HCF40107B nand Buffer. A 2.2-watt Incandescent Lamp-driver Circuit. Solenoid Driver Circuit. Interface of 40107B with Triac, with COS/MOS Component and Triac isolated. HCC/HCF40107B 6/14 |