Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC-HT600 Fiches technique(PDF) 30 Page - Panasonic Semiconductor

No de pièce SC-HT600
Description  DVD Home Theater Sound System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SC-HT600 Fiches technique(HTML) 30 Page - Panasonic Semiconductor

Back Button SC-HT600 Datasheet HTML 24Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 25Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 26Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 27Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 28Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 29Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 30Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 31Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 32Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
K
CMY
CY
MY
CM
Y
M
C
30.eps 175 lpi
45˚
black
Condensation has formed: Wait I to 2 hours for it to evaporate.
The unit cannot play discs other than the ones listed in these operating instructions.
The unit can only play the DVD-Vidieo if their region number is 3 , 5
ALL , or multiple region
number containing.
The disc may be dirty and may require cleaning.
Ensure that the disc is installed with the label of the side to be played facing upwards.
While stopped,and selecting DVD/CD as the signal source , Press [
] on the main unit and
[
10] on the remote control for 3 second until the Initialized words disappear from the TV
screen.Turn the unit off and on again. All settings will return to the default values.
Troubleshooting guide
Power
No power.
The unit is automatically
switched to the standby mode.
Insert the AC power supply cord securely and 25PIN connection wire into the household AC
outlet.
The SLEEP timer functioned.
Operation
No response when buttons
pressed
No operations can be
performed with the remote
control.
Play does not start (or stops
immediately) when you press
[
] (PLAY) .
Cannot select alternative
language.
No menu display.
No subtitles.
Incorrect subtitle position
Use the Subtitle Position in GUI display to change the subtitle position.
Soundtrack and/or subtitle
language is not the one
selected with the SETUP menus.
Cannot change angle.
You have forgotten your
password. Reset all settings to
Factory .
Check that the batteries are installed correctly.
The batteries are depleted: Replace them with new ones.
Point the remote control at the remote control sensor and operate.
The disc containing only one language has no other language selection.
If there is alternative language, try to select it via the disc menu.
There is menu display only for the disc recorded with menu.
The function depends on software availability.
Folder with more than 8 directories will be displayed as the folder with 8 directories.
Random and programmed plays cannot be seclected for some DVD-Video.
When the playlist or the time of play are not displayed on the screen, the adding of mark cannot be
done.
This function depends on software availability. Even if a disc has a number of angles
recorded; these angles may be recorded for specific scenes only.
Select DVD/CD for the signal source.
Cancel all group, programmed and random play.
Sound
No sound.
Distorted sound
Cannot access setup menu.
No mark function.
Folder with more than
8 directories in a digital CD
can not be displayed.
Random and programmed plays
cannot be selected.
Buzz can be heard during play.
There is AC power cord or fluorescent lamp near the Active Subwoofer. please put other
electrical appliances and connecting wires far away from the Active Subwoofer.
25
25
Check the connections.
Raise the volume.
Turn off mute.
Turn off the unit, find out and correct the cause, and then turn on the unit.
Causes as below:
- Positive and negative connecting cables of speakers are short circuited (naked
wires touching ).
- The speakers' rating impedance does not suit those of the unit.
- Speakers are overloaded because of high volume or power.
- The environment is hot, and of bad ventilation.
Only the disc with subtitles can display subtitles.
Subtitles are cleared from the television. Display the subtitles.
Some operations may be prohibited by the disc.
The unit may not be operating properly due to lightning, static electricity or some other
external factor.
Reset procedure:
Press [
] to switch the unit to the standby mode, and then back to ON.
Alternatively, Press [
] to switch the unit to standby mode, disconnect the AC power
supply cord and then reconnect it.
Before requesting service, make the following checks. Perform simple check of the parts or fine adjustment, and maybe the
problem will be solved and the unit can restore normal operation. If you are in doubt about some of the check points, or if the
remedies indicated in the table do not solve the problem, consult the dealer for instruction.
Black round digits indicate the page for reference, e.g.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com