Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC-HT600 Fiches technique(PDF) 23 Page - Panasonic Semiconductor

No de pièce SC-HT600
Description  DVD Home Theater Sound System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SC-HT600 Fiches technique(HTML) 23 Page - Panasonic Semiconductor

Back Button SC-HT600 Datasheet HTML 19Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 20Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 21Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 22Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 23Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 24Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 25Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 26Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 27Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
K
CMY
CY
MY
CM
Y
M
C
23.eps 175 lpi
45˚
black
PG
PROG.
CSM
AAC DTS
DIGITAL C.F
ZOOM
SFC SSS
PL
DOLBY PRO LOGIC
DOLBY PRO LOGIC is developed for better scene sensation of
signal sources coded by Dolby surround. The location sensation
is improved by addition of a center and surround channel.
The software coded by Dolby surround is provided with the
identification tag (DVD, CD, VCD, LCD and video cassette).
Press [SURROUND] to
select DOLBY PL .
The unit plays the signal source coded by Dolby
surround
To cancel it
Press [SURROUND ] select SRND OFF .
Note
When the unit plays the DVD recorded by DTS, you should close
the function of DolbyLogic. If the function is enabled, the surround
effect cannot be properly reproduced.
Note
When the S.SRND in the display of the main unit is on , you
may adjust Sch.
Volume control of speaker
When you enjoy a certain signal source, please adjust and align the
speaker levels if you feel an appearance of nonconformity.
SUPER SURROUND SOUND
Auditory sensation is improved by enhancement of stereo
surround effect.
Press [SURROUND] to Select S.SRND .
Adjust the volume of surround speakers to get optimal surround
effect.
(See Volume control of Speaker at right side)
Note
When the unit plays the DVD recorded by Dolby Digital or DTS,
you should close the function of super surround. If the function is
in operation, the surround effect cannot be properly reproduced.
4
When you enjoy a singnal source in double channel , press
[SURROUND], Each time when you press, the screen on the main
unit will display by the following order:
SRND OFF (SURROUND OFF )
DOLBY PL ( DOLBY PRO LOGIC)
S.SRND
(SUPER SURROUND SOUND)
Manufactured under license from Digital Theater Systems,
Inc. US Pat. No. 5, 451, 942, 5, 956, 674, 5, 974, 380,
5, 978, 762 and other world-wide patents issued and
pending. DTS and DTS Digital Surround are registered
trademarks of Digital Theater Systems, Inc. Copyright 1996,
2000 Digital Theater Systems, Inc. All rights reserved.
This product incorporates copyright protection technology that is protected by method claims of certain U.S. patents
and other intellectual property rights owned by Macrovision Corporation and other rights owners. Use of this copyright
protection technology must be authorized by Macrovision Corporation, and is intended for home and other limited viewing
uses only unless otherwise authorized by Macrovision Corporation. Reverse engineering or disassembly is prohibited.
Manufactured under license from Dolby laboratories.
Dolby and the double-D symbol are trademarks of
Dolby Laboratories.
Preparations
Press [SELECTOR] to select
DVD/CD . Press [surround] to
select DOLBY PL or SRND OFF .
Press [SHIFT] + [TEST] to output a test signal.
Lch: front left channel
Cch: center channel
Rch: front right channel
RSch: right surround channel
LSch: left surround channel
Press [- VOLUME +] or turn the volume knob to set the normal
level of signal source for enjoyment.
Adjust the balance between front speakers.
Press [L-BALANCE-R] button, choose L or R .
Press [
] (for increase) or [
] (for decrease) .
C, RS, LS: (-10db to +6 db)
To stop the test signals, Press [SHIFT] + [TEST] again.
To adjust speaker level during play
Press [SHIFT] + [CH.SELECT] to select speaker.
Cch
RSch
LSch
SWch
SWch: Active subwoofer
Press [
] (for increase) or [
] (for decrease) .
C, RS, LS: (-10db to +6 db)
SW:
(-10db to +6 db)
Adjustment of the time delay on the surround speakers.(DOLBY
PRO LOGIC only)
Press [SHIFT] + [DELAY] .
Each time when you press, the screen on the main unit will
display by the following order:
DELAY 15ms
DELAY 20ms
DELAY 30ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com