| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4356ABCZ Fiches technique(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4356ABCZ Fiches technique(HTML) 15 Page - Analog Devices |
|
15 / 61 page ![]() Data Sheet ADA4356 analog.com Rev. 0 15 of 61 Figure 7. 12-Bit DDR/SDR, 2-Lane, 1× Frame Mode D0AN D0AP D1AN D1AP FCON BYTEWISE MODE FCOP D0AN D0AP D1AN D1AP FCON DCOP DCON DCON CLKP CLKN DCOP FCOP BITWISE MODE SDR DDR D10 N – 16 D08 N – 16 D06 N – 16 D04 N – 16 D02 N – 16 LSB N – 16 D10 N – 17 D08 N – 17 D06 N – 17 D04 N – 17 D02 N – 17 LSB N – 17 MSB N – 16 D09 N – 16 D07 N – 16 D05 N – 16 D03 N – 16 D01 N – 16 MSB N – 17 D09 N – 17 D07 N – 17 D05 N – 17 D03 N – 17 D01 N – 17 D05 N – 16 D04 N – 16 D03 N – 16 D02 N – 16 D01 N – 16 LSB N – 16 D05 N – 17 D04 N – 17 D03 N – 17 D02 N – 17 D01 N – 17 LSB N – 17 MSB N – 16 D10 N – 16 D09 N – 16 D08 N – 16 D07 N – 16 D06 N – 16 MSB N – 17 D10 N – 17 D09 N – 17 D08 N – 17 D07 N – 17 D06 N – 17 tEH tFRAME tFCO tPD tDATA tLD tEL INPUT tA N – 1 N N + 1 |