| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4356ABCZ Fiches technique(PDF) 48 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4356ABCZ Fiches technique(HTML) 48 Page - Analog Devices |
|
48 / 61 page ![]() Data Sheet ADA4356 analog.com Rev. 0 48 of 61 OUTPUT TEST MODE BIT SEQUENCE PATTERN NAME DIGITAL OUTPUT WORD 1 DIGITAL OUTPUT WORD 2 SUBJECT to DATA FORMAT SELECT NOTES 0111 One-/zero- word toggle 1111 1111 1111 (12-bit) 111 1111 1111 1100 (16- bit) 0000 0000 0000 (12-bit) 0000 0000 0000 0000 (16-bit) No N/A 1000 User input Register 0x19 and Register 0x1A Register 0x1B and Register 0x1C No N/A 1001 1-/0-bit toggle 1010 1010 1010 (12-bit) 1010 1010 1010 1000 (16- bit) N/A No N/A 1010 1× sync 0000 0011 1111 (12-bit) 0000 0001 1111 1100 (16- bit) N/A No N/A 1011 1-bit high 1000 0000 0000 (12-bit) 1000 0000 0000 0000 (16- bit) N/A No Pattern associated with the external ball 1100 Mixed frequency 1010 0011 0011 (12-bit) 1010 0001 1001 1100 (16- bit) N/A No N/A 1 All test mode options except pseudorandom number (PN) sequence short and PN sequence long can support 12- bit to 16-bit word lengths to verify data capture to the receiver. |