Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ABCIRPSE36FS Fiches technique(PDF) 35 Page - TT Electronics.

No de pièce ABCIRPSE36FS
Description  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRPSE36FS Fiches technique(HTML) 35 Page - TT Electronics.

Back Button ABCIRPSE36FS Datasheet HTML 31Page - TT Electronics. ABCIRPSE36FS Datasheet HTML 32Page - TT Electronics. ABCIRPSE36FS Datasheet HTML 33Page - TT Electronics. ABCIRPSE36FS Datasheet HTML 34Page - TT Electronics. ABCIRPSE36FS Datasheet HTML 35Page - TT Electronics. ABCIRPSE36FS Datasheet HTML 36Page - TT Electronics. ABCIRPSE36FS Datasheet HTML 37Page - TT Electronics. ABCIRPSE36FS Datasheet HTML 38Page - TT Electronics. ABCIRPSE36FS Datasheet HTML 39Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
Shell
Size
A
B Max
CØ
Max
D
E Max
FØ
Max
T Thread
(Metric)
Part Number
ABB**NP
(Metric)
T Thread
(Imperial)
Part Number
ABB**NPA
(Imperial)
18
26.97
34.62
30.48
2.69/4.22
20.21
6.00
M3x0.5
18
4-40
UNC
18
20
29.36
38.48
33.53
22.47
20
20
22
31.75
40.84
36.65
23.54
22
22
24
34.93
44.83
40.00
25.90
7.50
24
24
28
39.67
51.18
46.61
29.08
28
28
32
44.45
59.10
52.75
3.50/5.00
30.68
8.00
M4x0.7
32
8-32
UNC
32
36
49.23
63.86
59.10
35.43
36
36
40
55.58
74.68
68.33
38.60
40
40
33
ABCIRP
connector fixing nut plates
grommet filler plug
ABCIRP
Damage to grommet
ABB16KFP -
ABB12KFPF80 -
ABB8KFPF80 -
To be used if grommet is pierced incorrectly
Grommet filler plug
Sealed using filler plugs
ABB**NP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43