| Moteur de recherche de fiches techniques de composants électroniques |
|
ABCIRPSE36FS Fiches technique(PDF) 12 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
ABCIRPSE36FS Fiches technique(HTML) 12 Page - TT Electronics. |
|
12 / 43 page ![]() Contact Size AWG Part Number A B C Conductor CSA mm2 L ABCIRP**/**KPKP3 16/22 16/22 3.20 0.90 2.30 0.25/0.34 31.75 16/20 16/20 1.10 2.65 0.50/0.60 16/18 16/18 1.25 2.30 0.75/0.93 16 16 1.75 2.75 0.93/1.50 16/14 16/14 1.80 2.90 1.68 ABCIRP**/**KPKP3 12/20 12/20 4.80 1.10 2.65 0.50/0.60 37.50 12/18 12/18 1.25 2.30 0.75/0.93 12/16 12/16 1.75 2.75 0.93/1.50 12/14 12/14 1.80 2.90 1.68 12 12 2.50 3.80 2.50/3.00 12/10 12/10 3.00 4.00 5.53 12/(40) 12/40 2.70 4.00 4.00 ABBP**/**KPKP80 8/16 8/16 7.80 1.75 2.75 0.93/1.50 42.40 8/(40) 8/40 2.90 5.20 4.00 8/12 8/12 2.50 3.80 2.50 8 8 4.55 6.80 9.00 (100) 100 4.40 7.00 10.00 (100/60) 100/60 3.40 5.50 6.00 10 ABCIRP pin crimp contacts ABCIRP ( ) = metric Notes: Standard plating for size 16 & 12 contacts is gold. Remove P3 from part numbers above for silver plated contacts. Standard plating for size 8 & 100 contacts is silver. Add P3 to part numbers above for gold plated contacts. |