Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99ASC03 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 17Page - STMicroelectronics L99ASC03 Datasheet HTML 18Page - STMicroelectronics L99ASC03 Datasheet HTML 19Page - STMicroelectronics L99ASC03 Datasheet HTML 20Page - STMicroelectronics L99ASC03 Datasheet HTML 21Page - STMicroelectronics L99ASC03 Datasheet HTML 22Page - STMicroelectronics L99ASC03 Datasheet HTML 23Page - STMicroelectronics L99ASC03 Datasheet HTML 24Page - STMicroelectronics L99ASC03 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
DocID023504 Rev 7
21/73
L99ASC03
Device description
72
shoot-through protection. The minimum tCCP is applied between outputs GHx and GLx only
if a lower (or null) dead-time is present between inputs ILx and IHx (see Figure 18). In case
the IHx and the ILx input of a half bridge are active at the same time, both gate driver
outputs (high side and low side) are turned off. In addition, if IHx and ILx are both driven
active for longer than tCCP, the affected half bridge is disabled and the ST(x) error flag is set.
To re-enable the half bridge, this fault condition has to be removed and the corresponding
ST(x) flag has to be reset through an SPI "Read & Clear" command.
The gate driver circuit limits the gate-source voltage of the external MOSFETs. All gate
driver circuits are independent of each other and use their source connection to the external
MOSFET as a reference.
In order to drive different MOSFETs and adjust the gate currents according to external
conditions (e.g. temperature), the source and sink current (i.e. the charging and discharging
current) of the gate driver can be programmed via SPI.
The HARDOFF feature is an additional measure against cross-current conduction in a half
bridge. When the HOFFCONT bit is set to 0, any of the outputs GHx and GLx is switched off
using maximum sink current (max PCSI) after a tCCP from related turn-off command. When
the HOFFCONT bit is set to 1, any of the outputs GHx and GLx is switched off using
maximum sink current (max PCSI) as soon as the complementary output signal
(respectively GLx or GHLx) goes to high.
Figure 11. HARDOFF functionality by using internal dead time
1.
Propagation delay is omitted for convenience.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73