Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99ASC03 Fiches technique(PDF) 72 Page - STMicroelectronics

No de pièce L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Fiches technique(HTML) 72 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 65Page - STMicroelectronics L99ASC03 Datasheet HTML 66Page - STMicroelectronics L99ASC03 Datasheet HTML 67Page - STMicroelectronics L99ASC03 Datasheet HTML 68Page - STMicroelectronics L99ASC03 Datasheet HTML 69Page - STMicroelectronics L99ASC03 Datasheet HTML 70Page - STMicroelectronics L99ASC03 Datasheet HTML 71Page - STMicroelectronics L99ASC03 Datasheet HTML 72Page - STMicroelectronics L99ASC03 Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 72 / 73 page
background image
Revision history
L99ASC03
72/73
DocID023504 Rev 7
11-Nov-2013
5
Updated Features list
Updated Section 2.5.2: Flash Mode and Section 2.15.3: BEMF
commutation driving mode
Table 14: Voltage regulator VDD:
–VDD: updated parameter definition
–ICMPRISE, ICMPFALL, ICMPH: updated values
Table 15: NRES reset output (VDD supervision), NINT:
–VRT2: updated min value
Table 24: I/Os; IHx, ILx, DIS, BC, BEMF, DOUT:
–Vin L: updated max value
–Vin H: updated min value
Section 4.4.5: Device Control Register 4:
– Bits [7:4] and [3:0]: updated definitions
Section 4.4.7: Device Control Register 6:
– Bits [4:0]: updated definitions
Updated Section 5.2: TQFP48-EP mechanical data
31-Jul-2014
6
Table 20: VS, VSREG, VSMS and Tj monitoring (AOUT):
–VTROOM: updated value
06-Aug-2015
7
Updated Figure 8: Operating mode transitions
Table 7: Absolute maximum ratings:
–VCP1+, VCP2+, VCP: updated value
Updated Figure 25: BEMF detection stepping of BEMFCNT
Table 39. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73