Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS67WVS1M8ALL-R104NLI Fiches technique(PDF) 4 Page - Integrated Silicon Solution, Inc

No de pièce IS67WVS1M8ALL-R104NLI
Description  1.8V/3.0V, 104MHZ, SPI & QPI PROTOCOL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISSI [Integrated Silicon Solution, Inc]
Site Internet  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS67WVS1M8ALL-R104NLI Fiches technique(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS67WVS1M8ALL-R104NLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS67WVS1M8ALL-R104NLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS67WVS1M8ALL-R104NLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS67WVS1M8ALL-R104NLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS67WVS1M8ALL-R104NLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS67WVS1M8ALL-R104NLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS67WVS1M8ALL-R104NLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS67WVS1M8ALL-R104NLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS67WVS1M8ALL-R104NLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
IS66/67WVS1M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
4
Rev. A2
07/08/2024
TABLE OF CONTENTS
FEATURES ............................................................................................................................................................2
GENERAL DESCRIPTION ....................................................................................................................................3
PERFORMANCE SUMMARY................................................................................................................................3
TABLE OF CONTENTS .........................................................................................................................................4
1.
PIN CONFIGURATION & Descriptions ..........................................................................................................6
2.
Block Diagram.................................................................................................................................................8
3.
Power-up Initialization.....................................................................................................................................9
4.
Interface Description .....................................................................................................................................10
4.1
Address Space.....................................................................................................................................10
4.2
Page Length.........................................................................................................................................10
4.3
DriveR Strength ...................................................................................................................................10
4.4
POWER-ON STATUS .........................................................................................................................10
4.5
Command/Address Latching Truth ......................................................................................................10
4.6
READ/WRITE Termination ..................................................................................................................11
5.
READ/WRITE OPERATIONS.......................................................................................................................12
5.1
SPI READ OPERATIONS ...................................................................................................................12
5.2
SPI WRITE OPERATIONS ..................................................................................................................14
5.3
QPI MODE ...........................................................................................................................................15
5.4
QPI Fast READ Operation ...................................................................................................................16
5.5
QPI WRITE Operation .........................................................................................................................17
5.6
QPI EXIT Operation .............................................................................................................................17
5.7
Read ID Operation ...............................................................................................................................18
5.8
RESET Operation ................................................................................................................................19
5.9
Set Burst Length Operation .................................................................................................................20
5.10
In-BAND RESET Operation .............................................................................................................21
5.11
Deep POWER DOWN MODE .........................................................................................................23
6.
REGISTER....................................................................................................................................................25
6.1 DEVICE IDENTIFICATION REGISTER .................................................................................................25
7.
ELECTRICAL CHARACTERISTICS.............................................................................................................26
7.1
ABSOLUTE MAXIMUM RATINGS (1) ..................................................................................................26
7.2
OPERATING RANGE ..........................................................................................................................26
7.3
DC CHARACTERISTICS.....................................................................................................................27
7.4
AC Measurement Conditions ...............................................................................................................28
7.5
PIN CAPACITANCE (TA = 25°C, VCC=1.8V/ 3V, 1MHz) ...................................................................28
7.6
AC CHARACTERISTICS .....................................................................................................................29
7.7
INPUT/OUTPUT TIMING.....................................................................................................................30
8.
PACKAGE TYPE INFORMATION................................................................................................................31
8.1
8- Contact Ultra-Thin Small Outline No-Lead (WSON) PACKAGE 6X5MM (K)..................................31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com