Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS67WVS1M8ALL-R104NLI Fiches technique(PDF) 29 Page - Integrated Silicon Solution, Inc

No de pièce IS67WVS1M8ALL-R104NLI
Description  1.8V/3.0V, 104MHZ, SPI & QPI PROTOCOL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISSI [Integrated Silicon Solution, Inc]
Site Internet  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS67WVS1M8ALL-R104NLI Fiches technique(HTML) 29 Page - Integrated Silicon Solution, Inc

Back Button IS67WVS1M8ALL-R104NLI Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS67WVS1M8ALL-R104NLI Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS67WVS1M8ALL-R104NLI Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS67WVS1M8ALL-R104NLI Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS67WVS1M8ALL-R104NLI Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS67WVS1M8ALL-R104NLI Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS67WVS1M8ALL-R104NLI Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS67WVS1M8ALL-R104NLI Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS67WVS1M8ALL-R104NLI Datasheet HTML 33Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
IS66/67WVS1M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
29
Rev. A2
07/08/2024
7.6 AC CHARACTERISTICS
Parameter
Symbol
Min.
Max.
Unit
Clock Cycle Time
tCLK@33MHz
30
-
ns
tCLK@104MHz
10
-
ns
Clock Low width
tCH
0.45
0.55
tCLK
Clock High width
tCL
0.45
0.55
tCLK
Clock Rise/Fall Slew Rates (1)
tR/tF
0.5
-
V/ns
CE# Setup time to Active CLK edge
tCSP
3
-
ns
Input Setup time to Active CLK edge
tSP
2.5
-
ns
Input Hold time from\ Active CLK edge
tHD
2
-
ns
CLK falling to Output Valid
tACLK
7
ns
Output Hold time from CLK falling
tOH
1.5
ns
Chip Disable to DQ Output High-Z
tHZ
-
7
ns
CE# High between Subsequent operations
tCPH
1
tCLK
Chip Select Maximum Low Time ( ~ 85°C )
tCEM
-
4
us
Chip Select Maximum Low Time ( ~ 105°C )
-
1
us
Note:
1.
Value is guaranteed by design and/or characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com