Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS67WVR4M8BLL-R104NLI Fiches technique(PDF) 17 Page - Integrated Silicon Solution, Inc

No de pièce IS67WVR4M8BLL-R104NLI
Description  1.8V/3.0V, 104MHz, Continuous Operation, SPI & QPI Protocol
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISSI [Integrated Silicon Solution, Inc]
Site Internet  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS67WVR4M8BLL-R104NLI Fiches technique(HTML) 17 Page - Integrated Silicon Solution, Inc

Back Button IS67WVR4M8BLL-R104NLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS67WVR4M8BLL-R104NLI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS67WVR4M8BLL-R104NLI Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS67WVR4M8BLL-R104NLI Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS67WVR4M8BLL-R104NLI Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS67WVR4M8BLL-R104NLI Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS67WVR4M8BLL-R104NLI Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS67WVR4M8BLL-R104NLI Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS67WVR4M8BLL-R104NLI Datasheet HTML 21Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
IS66/67WVR4M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
17
Rev. A2
07/08/2024
5.5 QPI WRITE OPERATION
In QPI mode, either 02h or 38h command can be used for QPI write operation. It has nothing to do with
maximum frequency.
Figure 5.9 QPI Write 02h or 38h
CE#
CLK
Cmd
Write
SIO[3:0]
0
1
3
8
2
3
4
5
6
7
8
Data In 1
9
10
11
23:20
23:20
23:20
23:20
23:20
23:20
15:12
7:4
3:0
11:8
7:4
3:0
7:4
19:16
3:0
24 Bits Address
Data In 2
5.6 QPI EXIT OPERATION
This command will switch the device back into SPI mode.
Figure 5.10 QPI Mode Exit, F5h (Only available in QPI mode)
CE#
CLK
Cmd
Quad Mode
Exit
SIO[3:0]
0
1
F
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com