Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS67WVR4M8BLL-R104NLI Fiches technique(PDF) 13 Page - Integrated Silicon Solution, Inc

No de pièce IS67WVR4M8BLL-R104NLI
Description  1.8V/3.0V, 104MHz, Continuous Operation, SPI & QPI Protocol
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISSI [Integrated Silicon Solution, Inc]
Site Internet  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS67WVR4M8BLL-R104NLI Fiches technique(HTML) 13 Page - Integrated Silicon Solution, Inc

Back Button IS67WVR4M8BLL-R104NLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS67WVR4M8BLL-R104NLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS67WVR4M8BLL-R104NLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS67WVR4M8BLL-R104NLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS67WVR4M8BLL-R104NLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS67WVR4M8BLL-R104NLI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS67WVR4M8BLL-R104NLI Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS67WVR4M8BLL-R104NLI Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS67WVR4M8BLL-R104NLI Datasheet HTML 17Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
IS66/67WVR4M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
13
Rev. A2
07/08/2024
Figure 5.3 SPI Fast Quad IO Read, EBh (1-4-4, Max frequency: 104MHz)
CE#
CLK
SI/SIO[0]
0
1
1
1
2
3
4
5
6
7
8
9
10
13
1
1
1
1
0
0
24 Bits Address
14
15
16
tACLK
12
17
Cmd
SPI Fast Quad IO Read(EBh)
19
20
21
22
18
23
11
20
16
12
4
0
Q4
Q0
Q4
Q0
8
High-Z
21
17
13
5
1
Q5
Q1
Q5
Q1
9
High-Z
High-Z
SO/SIO[1]
22
18
14
6
2
Q6
Q2
Q6
Q2
10
High-Z
High-Z
SIO[2]
23
19
15
7
3
Q7
Q3
Q7
Q3
11
High-Z
High-Z
SIO[3]
Data Out 1
Wait Cycles
(6 Clocks)
Data Out 2
Note:
1. Data out goes to High-Z after CE# transitions to HIGH (tHZ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com