| Moteur de recherche de fiches techniques de composants électroniques |
|
IS66WVR4M8BLL-R104WLA1 Fiches technique(PDF) 16 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS66WVR4M8BLL-R104WLA1 Fiches technique(HTML) 16 Page - Integrated Silicon Solution, Inc |
|
16 / 34 page ![]() IS66/67WVR4M8ALL/BLL Integrated Silicon Solution, Inc.- www.issi.com 16 Rev. A2 07/08/2024 5.4 QPI FAST READ OPERATION For all reads in QPI mode, data will be available for tACLK after the falling edge of clock. QPI reads can be done in two ways: 03h: Quad CMD, Quad IO, fast frequency (up to 84MHz, 4 Wait Cycles) 0Bh: Quad CMD, Quad IO, fast frequency (up to 84MHz, 4 Wait Cycles) EBh: Quad CMD, Quad IO, fast frequency (up to 104MHz, 6-Wait Cycles) Figure 5.7 QPI Fast Read, 03h/0Bh (Max Frequency: 84MHz) CE# CLK Cmd Read SIO[3:0] 0 1 0 B 2 3 4 5 6 7 8 9 10 11 23:20 15:12 7:4 3:0 11:8 19:16 24 Bits Address 12 Data Out 1 13 14 7:4 3:0 7:4 3:0 Data Out 2 Wait Cycles (4 Clocks) High-Z tACLK Note: 1. Data out goes to High-Z after CE# transitions to HIGH (tHZ). Figure 5.8 QPI Fast Read, EBh (Max Frequency: 104MHz) CE# CLK Cmd Read SIO[3:0] 0 1 E B 2 3 4 5 6 7 8 9 10 13 23:20 15:12 7:4 3:0 11:8 19:16 24 Bits Address 14 Data Out 1 15 16 7:4 3:0 7:4 3:0 Data Out 2 Wait Cycles (6 Clocks) High-Z tACLK 11 12 Note: 1. Data out goes to High-Z after CE# transitions to HIGH (tHZ). |