| Moteur de recherche de fiches techniques de composants électroniques |
|
IS66WVR4M8BLL-R104WLA1 Fiches technique(PDF) 14 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS66WVR4M8BLL-R104WLA1 Fiches technique(HTML) 14 Page - Integrated Silicon Solution, Inc |
|
14 / 34 page ![]() IS66/67WVR4M8ALL/BLL Integrated Silicon Solution, Inc.- www.issi.com 14 Rev. A2 07/08/2024 5.2 SPI WRITE OPERATIONS 02h: Serial CMD, Serial IO, slow frequency (1-1-1, 0 Wait Cycle) 38h: Serial CMD, Quad IO, fast frequency (1-4-4, 0 Wait Cycles) Figure 5.4 SPI Write Command 02h (1-1-1) CE# CLK SI 0 1 0 0 2 3 4 5 6 7 8 9 10 30 0 0 1 0 0 0 24 Bits Address 31 32 33 29 34 41 23 22 21 2 0 1 Cmd SPI Write (02h) SO D7 D6 D4 D2 D1 D3 D5 Data In 1 Data In 2 High-Z D0 D7 D6 36 37 38 39 35 40 Figure 5.5 SPI Quad IO Write command 38h (1-4-4) CE# CLK SI/SIO[0] 0 1 0 0 2 3 4 5 6 7 8 9 10 13 1 1 0 0 0 1 24 Bits Address 14 15 16 12 17 Cmd SPI Fast Quad IO Write (38h) 19 18 11 20 16 12 4 0 D4 D0 8 21 17 13 5 1 D5 D1 9 High-Z SO/SIO[1] 22 18 14 6 2 D6 D2 10 High-Z SIO[2] 23 19 15 7 3 D7 D3 11 High-Z SIO[3] Data In 1 Data In 2 Data In 3 D4 D0 D5 D1 D6 D2 D7 D3 D4 D0 D5 D1 D6 D2 D7 D3 |