| Moteur de recherche de fiches techniques de composants électroniques |
|
M41ST87W Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST87W Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 54 page ![]() M41ST87W Description DocID9497 Rev 11 9/54 Table 1: Signal names XI (1) Oscillator input XO (1) Oscillator output E̅ CON(2) Conditioned chip enable output EX(2) External chip enable IRQ/OUT(3) Interrupt/out output (open drain) PFI1 Power fail input 1 PFI2 Power fail input 2 PFO1(4) Power fail output 1 PFO2(4) Power fail output 2 RST(3) Reset output (open drain) RSTIN1 Reset 1 input RSTIN2(2) Reset 2 input SCL Serial clock input SDA Serial data input/output SQW/FT (4) Square wave output/frequency test WDI (2) Watchdog input VCC Supply voltage VOUT Voltage output VSS Ground F32k (3) 32 kHz square wave output (open drain) TP1IN Tamper pin 1 input TP2IN Tamper pin 2 input TPCLR (2) Tamper pin RAM clear VBAT Positive battery pin input NF (5) No function NC (5) No connect Notes: (1) Available in SSOP package only. (2) Available in SOX28 package only. (3) Open drain output. (4) Programmable output (open drain or full-CMOS). (5) Should be connected to VSS. |