Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41ST87W Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce M41ST87W
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87W Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button M41ST87W_V01 Datasheet HTML 4Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 5Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 6Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 7Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 8Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 9Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 10Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 11Page - STMicroelectronics M41ST87W_V01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Description
M41ST87W
8/54
DocID9497 Rev 11
Figure 2: 28-pin, 300 mil SOIC connections
Note: No function (NF) and no connect (NC) pins should be tied to VSS. Pins 1, 2, 3, and 4
are internally shorted together.
Figure 3: 20-pin, SSOP connections
Note: No connect (NC) pin should be tied to VSS.
8
2
3
4
5
6
7
9
10
11
12
13
14
22
21
20
19
18
17
16
15
28
27
26
25
24
23
1
RSTIN1
RSTIN2
PFI 2
NF
NC
SQW/FT
WDI
NF
NC
IRQ/OUT
F 32k
V OUT
TP1 IN
EX
PFI 1
SCL
TP CLR
PFO 1
E CON
V SS
V BAT
TP2 IN
S DA
RST
NF
NF
V CC
M41ST87Y
M41ST87W
PFO 2
8
2
3
4
5
6
7
9
10
14
13
12
11
20
19
18
17
16
15
1
RSTIN1
XO
SQW/FT
PFI 2
IRQ/OUT
F 32k
V OUT
TP1 IN
PFI 1
SCL
NC
PFO 1
V SS
V BAT
TP2 IN
S DA
RST
XI
V CC
M41ST87Y
M41ST87W
PFO 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54