Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41ST85W Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce M41ST85W
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85W Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button M41ST85W_V01 Datasheet HTML 31Page - STMicroelectronics M41ST85W_V01 Datasheet HTML 32Page - STMicroelectronics M41ST85W_V01 Datasheet HTML 33Page - STMicroelectronics M41ST85W_V01 Datasheet HTML 34Page - STMicroelectronics M41ST85W_V01 Datasheet HTML 35Page - STMicroelectronics M41ST85W_V01 Datasheet HTML 36Page - STMicroelectronics M41ST85W_V01 Datasheet HTML 37Page - STMicroelectronics M41ST85W_V01 Datasheet HTML 38Page - STMicroelectronics M41ST85W_V01 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
DocID7531 Rev 12
35/43
M41ST85W
Package mechanical data
43
Figure 22. 4-pin SNAPHAT® housing for 48 mAh battery & crystal, package outline
Note:
Drawing is not to scale.
SHTK-A
A1
A
D
E
eA
eB
A2
B
L
A3
Table 15. 4-pin SNAPHAT® housing for 48 mAh battery & crystal, mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
9.78
0.3850
A1
6.73
7.24
0.2650
0.2850
A2
6.48
6.99
0.2551
0.2752
A3
0.38
0.0150
B
0.46
0.56
0.0181
0.0220
D
21.21
21.84
0.8350
0.8598
E
14.22
14.99
0.5598
0.5902
eA
15.55
15.95
0.6122
0.6280
eB
3.20
3.61
0.1260
0.1421
L
2.03
2.29
0.0799
0.0902



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43