Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMELA5010S-R68M Fiches technique(PDF) 8 Page - Abracon Corporation

No de pièce AMELA5010S-R68M
Description  SMD Molded Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABRACON [Abracon Corporation]
Site Internet  https://abracon.com
Logo ABRACON - Abracon Corporation

AMELA5010S-R68M Fiches technique(HTML) 8 Page - Abracon Corporation

  AMELA5010S-R68M Datasheet HTML 1Page - Abracon Corporation AMELA5010S-R68M Datasheet HTML 2Page - Abracon Corporation AMELA5010S-R68M Datasheet HTML 3Page - Abracon Corporation AMELA5010S-R68M Datasheet HTML 4Page - Abracon Corporation AMELA5010S-R68M Datasheet HTML 5Page - Abracon Corporation AMELA5010S-R68M Datasheet HTML 6Page - Abracon Corporation AMELA5010S-R68M Datasheet HTML 7Page - Abracon Corporation AMELA5010S-R68M Datasheet HTML 8Page - Abracon Corporation AMELA5010S-R68M Datasheet HTML 9Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
SMD Molded Power Inductors
AMELA5010S Series
5.4 x 5.1 x 0.8 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
2/28/2025
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Ref.
Solder paste: Sn/3.0Ag/0.5Cu
Ramp up rate: 3°C/s Max.
Ramp down rate: 6°C/s Max.
Reflow is referred to standard IPC/JEDEC J-STD-020E.
Reflow times: 3 times maximum
Zone
Description
Temperature
Times
1
Preheat
TSMIN ~ TSMAX
150°C ~ 200°C
60 ~ 120 sec.
2
Reflow
TL
217°C
60 ~ 150 sec.
3
Peak heat
TP
255°C
< 30 seconds
Reflow Profile



Html Pages

1 2 3 4 5 6 7 8 9