| Moteur de recherche de fiches techniques de composants électroniques |
|
AMELA5010S-R68M Fiches technique(PDF) 6 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
AMELA5010S-R68M Fiches technique(HTML) 6 Page - Abracon Corporation |
|
6 / 9 page ![]() ABRACON IS ISO9001-2015 CERTIFIED SMD Molded Power Inductors AMELA5010S Series 5.4 x 5.1 x 0.8 mm RoHS/RoHS II Compliant MSL Level = 1 Request Samples Check Inventory REVISION Initial Release : 2/28/2025 5101 Hidden Creek Ln, Spicewood TX 78669 Phone: 512-371-6159 Fax: 512-351-8858 For terms and conditions of sales, please visit: www.abracon.com Mechanical Specifications DIMENSIONS: INCHES[mm] Notes: • The above PCB layout reference only. • Recommend solder paste thickness at 0.12mm and above. |