Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF-RX Fiches technique(PDF) 3 Page - Bourns Electronic Solutions

No de pièce MF-RX
Description  MF-RX/72 Series - PTC Resettable Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RX Fiches technique(HTML) 3 Page - Bourns Electronic Solutions

  MF-RX_V01 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RX_V01 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RX_V01 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RX_V01 Datasheet HTML 4Page - Bourns Electronic Solutions MF-RX_V01 Datasheet HTML 5Page - Bourns Electronic Solutions MF-RX_V01 Datasheet HTML 6Page - Bourns Electronic Solutions MF-RX_V01 Datasheet HTML 7Page - Bourns Electronic Solutions MF-RX_V01 Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MF-RX/72 Series - PTC Resettable Fuses
Test Procedures and Requirements
Item
Test Conditions
Accept/Reject Criteria
Visual/Mechanical
Verify dimensions and materials
Per MF physical description
Resistance
In still air @ 23 °C
Rmin ≤ R ≤ Rmax
Time to Trip
5 times Ihold, Vmax, 23 °C
T ≤ max. time to trip (seconds)
Hold Current
30 min. at Ihold
No trip
Trip Cycle Life
Vmax, Imax, 100 cycles
No arcing or burning
Trip Endurance
Vmax, 48 hours
No arcing or burning
Solderability
245 °C ± 5 °C, 5 seconds
95 % min. coverage
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Typical Time to Trip at 23 ˚C
The Time to Trip curves represent
typical performance of a device in a
simulated application environment.
Actual performance in specific
customer applications may differ from
these values due to the influence of
other variables.
100
1000
10
1
0.1
0.01
0.001
0.1
110
100
Fault Current (Amps)
0.01
0.001
110
100
0.1
1
10
100
1000
Fault Current (Amps)



Html Pages

1 2 3 4 5 6 7 8