Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF-RX Fiches technique(PDF) 5 Page - Bourns Electronic Solutions

No de pièce MF-RX
Description  MF-RX/72 Series - PTC Resettable Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RX Fiches technique(HTML) 5 Page - Bourns Electronic Solutions

  MF-RX_V01 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RX_V01 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RX_V01 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RX_V01 Datasheet HTML 4Page - Bourns Electronic Solutions MF-RX_V01 Datasheet HTML 5Page - Bourns Electronic Solutions MF-RX_V01 Datasheet HTML 6Page - Bourns Electronic Solutions MF-RX_V01 Datasheet HTML 7Page - Bourns Electronic Solutions MF-RX_V01 Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MF-RX/72 Series Tape and Reel Specifications
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Devices taped using EIA-468/IEC 60286-2 standards. See table below and figures for details.
Dimension Description
IEC
Mark
EIA
Mark
Dimensions
Tolerance
Carrier tape width
W
W
18
(.709)
+1.0/-0.5
(+.039/-.020)
Hold down tape width
W0
W0
5
(.197)
min.
Hold down tape
No protrusion
Adhesive tape position
W2
W2
3
(.118)
max.
Sprocket hole position
W1
W1
9
(.354)
+0.75/-0.5
(+.030/-.020)
Sprocket hole diameter
D0
D0
4
(.157)
±0.2
(±.0078)
Height to seating plane (straight lead)
H
H
18 ~ 20
(.709 ~ .787)
Height to seating plane (formed lead)
H0
H0
16
(.630)
±0.5
(±.020)
Overall height above abscissa
H1
H1
38.5
(1.516)
max.
Cutout length
L
11
(.433)
max.
Sprocket hole pitch: MF-RX020/72 ~ MF-RX185/72
P0
P0
12.7
(.500)
±0.3
(±.012)
Sprocket hole pitch: MF-RX250/72 ~ MF-RX375/72
P0
P0
25.4
(1.00)
±0.3
(±.012)
Device pitch: MF-RX020/72 ~ MF-RX090/72
P
P
12.7
(.500)
±0.3
(±.012)
Device pitch: MF-RX110/72 ~ MF-RX185/72
P
P
25.4
(1.00)
±0.6
(±.024)
Device pitch: MF-RX250/72 ~ MF-RX375/72
P
P
30.0
(1.181)
±0.6
(±.024)
Pitch tolerance
20 consecutive
±1
(±.039)
Composite tape thickness
t
t
0.9
(.035)
max.
Overall tape and lead thickness: MF-RX020/72 ~ MF-RX090/72
t1
t1
2.0
(.079)
max.
Overall tape and lead thickness: MF-RX110/72 ~ MF-RX375/72
t1
t1
2.3
(.091)
max.
Splice sprocket hole alignment
0
±0.3
(±.012)
Front-to-back deviation
Δh
Δh
0
±1.0
(±.039)
Side-to-side deviation
Δp
Δp
0
±1.3
(±.051)
Ordinate to adjacent component lead: MF-RX020/72 ~ MF-RX185/72
P1
P1
3.81
(.150)
±0.7
(±.028)
Ordinate to adjacent component lead: MF-RX250/72 ~ MF-RX375/72
P1
P1
9.9
(.390)
±0.7
(±.028)
Lead spacing: MF-RX020/72 ~ MF-RX185/72
F
F
5.08
(.200)
+0.6/-0.2
(+.024/-.008)
Lead spacing: MF-RX250/72 ~ MF-RX375/72
F
F
10.2
(.400)
+0.6/-0.2
(+.024/-.008)
— Continued on next page —
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4 5 6 7 8