Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41TC8025AMC6F Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce M41TC8025AMC6F
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025AMC6F Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button M41TC8025AMC6F Datasheet HTML 33Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 34Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 35Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 36Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 37Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 38Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 39Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 40Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
DocID022873 Rev 4
37/41
M41TC8025
Package mechanical data
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 24. SO14 - 14-lead small outline 200-mil package mechanical drawing
8348832_B
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41