Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L443VCT3 Fiches technique(PDF) 64 Page - STMicroelectronics

No de pièce STM32L443VCT3
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 256KB Flash, 64KB SRAM, USB FS, LCD, analog, audio, AES
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L443VCT3 Fiches technique(HTML) 64 Page - STMicroelectronics

Back Button STM32L443VCT3 Datasheet HTML 60Page - STMicroelectronics STM32L443VCT3 Datasheet HTML 61Page - STMicroelectronics STM32L443VCT3 Datasheet HTML 62Page - STMicroelectronics STM32L443VCT3 Datasheet HTML 63Page - STMicroelectronics STM32L443VCT3 Datasheet HTML 64Page - STMicroelectronics STM32L443VCT3 Datasheet HTML 65Page - STMicroelectronics STM32L443VCT3 Datasheet HTML 66Page - STMicroelectronics STM32L443VCT3 Datasheet HTML 67Page - STMicroelectronics STM32L443VCT3 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 215 page
background image
Pinouts and pin description
STM32L443CC STM32L443RC STM32L443VC
64/215
DS11421 Rev 4
16 16 F4 G5 22 G4 31
L4
PA6
I/O
FT_la
-
TIM1_BKIN, SPI1_MISO,
USART3_CTS,
LPUART1_CTS,
QUADSPI_BK1_IO3,
LCD_SEG3,
COMP1_OUT/TIM1_BKIN
_COMP2, TIM16_CH1,
EVENTOUT
ADC1_IN11
17 17 F3 H6 23 H4 32
M4
PA7
I/O FT_fla -
TIM1_CH1N, I2C3_SCL,
SPI1_MOSI,
QUADSPI_BK1_IO2,
LCD_SEG4,
COMP2_OUT,
EVENTOUT
ADC1_IN12
-
-
-
D4 24 H5 33
K5
PC4
I/O
FT_la
-
USART3_TX,
LCD_SEG22, EVENTOUT
COMP1_INM,
ADC1_IN13
-
-
-
E4 25 H6 34
L5
PC5
I/O
FT_la
-
USART3_RX,
LCD_SEG23, EVENTOUT
COMP1_INP,
ADC1_IN14,
WKUP5
18 18 G5 F4 26 F5
35
M5
PB0
I/O
FT_la
-
TIM1_CH2N, SPI1_NSS,
USART3_CK,
QUADSPI_BK1_IO1,
LCD_SEG5,
COMP1_OUT,
SAI1_EXTCLK,
EVENTOUT
ADC1_IN15
19 19 G4 H5 27 G5 36
M6
PB1
I/O
FT_la
-
TIM1_CH3N,
USART3_RTS_DE,
LPUART1_RTS_DE,
QUADSPI_BK1_IO0,
LCD_SEG6, LPTIM2_IN1,
EVENTOUT
COMP1_INM,
ADC1_IN16
20 20 G3 G4 28 G6 37
L6
PB2
I/O
FT_a
-
RTC_OUT, LPTIM1_OUT,
I2C3_SMBA, LCD_VLCD,
EVENTOUT
COMP1_INP
-
-
-
---
38
M7
PE7
I/O
FT
-
TIM1_ETR, SAI1_SD_B,
EVENTOUT
-
-
-
-
-
-
-
39
L7
PE8
I/O
FT
-
TIM1_CH1N,
SAI1_SCK_B, EVENTOUT
-
-
-
-
---
40
M8
PE9
I/O
FT
-
TIM1_CH1, SAI1_FS_B,
EVENTOUT
-
Table 14. STM32L443xx pin definitions (continued)
Pin Number
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More