| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L443CC Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443CC Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 215 page ![]() Functional overview STM32L443CC STM32L443RC STM32L443VC 32/215 DS11421 Rev 4 3.10 Interconnect matrix Several peripherals have direct connections between them. This allows autonomous communication between peripherals, saving CPU resources thus power supply consumption. In addition, these hardware connections allow fast and predictable latency. Depending on peripherals, these interconnections can operate in Run, Sleep, low-power run and sleep, Stop 0, Stop 1 and Stop 2 modes. Table 5. STM32L443xx peripherals interconnect matrix Interconnect source Interconnect destination Interconnect action TIMx TIMx Timers synchronization or chaining Y Y Y Y - - ADCx DAC1 Conversion triggers Y Y Y Y - - DMA Memory to memory transfer trigger Y Y Y Y - - COMPx Comparator output blanking Y Y Y Y - - TIM15/TIM16 IRTIM Infrared interface output generation Y Y Y Y - - COMPx TIM1 TIM2 Timer input channel, trigger, break from analog signals comparison YY YY - - LPTIMERx Low-power timer triggered by analog signals comparison YY YY Y Y (1) ADCx TIM1 Timer triggered by analog watchdog Y Y Y Y - - RTC TIM16 Timer input channel from RTC events Y Y Y Y - - LPTIMERx Low-power timer triggered by RTC alarms or tampers YY YY Y Y (1) All clocks sources (internal and external) TIM2 TIM15, 16 Clock source used as input channel for RC measurement and trimming YY YY - - USB TIM2 Timer triggered by USB SOF Y Y - - - - CSS CPU (hard fault) RAM (parity error) Flash memory (ECC error) COMPx PVD TIM1 TIM15,16 Timer break Y Y Y Y - - |