Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L443CC Fiches technique(PDF) 84 Page - STMicroelectronics

No de pièce STM32L443CC
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 256KB Flash, 64KB SRAM, USB FS, LCD, analog, audio, AES
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L443CC Fiches technique(HTML) 84 Page - STMicroelectronics

Back Button STM32L443CC Datasheet HTML 80Page - STMicroelectronics STM32L443CC Datasheet HTML 81Page - STMicroelectronics STM32L443CC Datasheet HTML 82Page - STMicroelectronics STM32L443CC Datasheet HTML 83Page - STMicroelectronics STM32L443CC Datasheet HTML 84Page - STMicroelectronics STM32L443CC Datasheet HTML 85Page - STMicroelectronics STM32L443CC Datasheet HTML 86Page - STMicroelectronics STM32L443CC Datasheet HTML 87Page - STMicroelectronics STM32L443CC Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 215 page
background image
Memory mapping
STM32L443CC STM32L443RC STM32L443VC
84/215
DS11421 Rev 4
Table 17. STM32L443xx memory map and peripheral register boundary addresses(1)
Bus
Boundary address
Size(bytes)
Peripheral
AHB2
0x5006 0800 - 0x5006 0BFF
1 KB
RNG
0x5006 0400 - 0x5006 07FF
158 KB
Reserved
0x5006 0000 - 0x5006 03FF
1 KB
AES
0x5004 0400 - 0x5005 FFFF
158 KB
Reserved
0x5004 0000 - 0x5004 03FF
1 KB
ADC
0x5000 0000 - 0x5003 FFFF
16 KB
Reserved
0x4800 2000 - 0x4FFF FFFF
~127 MB
Reserved
0x4800 1C00 - 0x4800 1FFF
1 KB
GPIOH
0x4800 1400 - 0x4800 1BFF
2 KB
Reserved
0x4800 1000 - 0x4800 13FF
1 KB
GPIOE
0x4800 0C00 - 0x4800 0FFF
1 KB
GPIOD
0x4800 0800 - 0x4800 0BFF
1 KB
GPIOC
0x4800 0400 - 0x4800 07FF
1 KB
GPIOB
0x4800 0000 - 0x4800 03FF
1 KB
GPIOA
-
0x4002 4400 - 0x47FF FFFF
~127 MB
Reserved
AHB1
0x4002 4000 - 0x4002 43FF
1 KB
TSC
0x4002 3400 - 0x4002 3FFF
1 KB
Reserved
0x4002 3000 - 0x4002 33FF
1 KB
CRC
0x4002 2400 - 0x4002 2FFF
3 KB
Reserved
0x4002 2000 - 0x4002 23FF
1 KB
FLASH registers
0x4002 1400 - 0x4002 1FFF
3 KB
Reserved
0x4002 1000 - 0x4002 13FF
1 KB
RCC
0x4002 0800 - 0x4002 0FFF
2 KB
Reserved
0x4002 0400 - 0x4002 07FF
1 KB
DMA2
0x4002 0000 - 0x4002 03FF
1 KB
DMA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More