| Moteur de recherche de fiches techniques de composants électroniques |
|
STA1085 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA1085 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 127 page ![]() DS13319 Rev 2 33/127 STA108x, STA109x Signal description 126 FSMC_SMAD15 GPIO63 W9 O VDD_IO FSMC. Address line 15. FSMC_SMAD16/CLE GPIO58 GPIO104 V12 J3 O VDD_IO FSMC. Address line 16 - NAND CLE . FSMC_SMAD17/ALE GPIO59 GPIO103 W11 J2 O VDD_IO FSMC. Address line 17 - NAND ALE. FSMC_SMAD18 GPIO60 GPIO137(1) V11 T7 O VDD_IO FSMC. Address line 18. FSMC_SMAD19 GPIO82 GPIO138(1) V6 U7 O VDD_IO FSMC. Address line 19. FSMC_SMAD2 GPIO103 J2 O VDD_IO FSMC. Address line 2. FSMC_SMAD20 GPIO81 GPIO139(1) W5 T6 O VDD_IO FSMC. Address line 20. FSMC_SMAD21 GPIO74 GPIO141(1) V4 T5 O VDD_IO FSMC. Address line 21. FSMC_SMAD22 GPIO62 GPIO142(1) V10 R6 O VDD_IO FSMC. Address line 22. FSMC_SMAD23 GPIO61 GPIO143(1) W10 U4 O VDD_IO FSMC. Address line 23. FSMC_SMAD24 GPIO66 GPIO147(1) V19 P5 O VDD_IO FSMC. Address line 24. FSMC_SMAD25 GPIO49 GPIO65 GPIO150(1) F5 V18 U5 O VDD_IO FSMC. Address line 25. FSMC_SMAD3 GPIO102 J1 O VDD_IO FSMC. Address line 3. FSMC_SMAD4 GPIO101 H4 O VDD_IO FSMC. Address line 4. FSMC_SMAD5 GPIO100 H3 O VDD_IO FSMC. Address line 5. FSMC_SMAD6 GPIO98 H1 O VDD_IO FSMC. Address line 6. FSMC_SMAD7 GPIO97 G4 O VDD_IO FSMC. Address line 7. FSMC_SMAD8 GPIO96 G3 O VDD_IO FSMC. Address line 8. FSMC_SMAD9 GPIO83 W6 O VDD_IO FSMC. Address line 9. FSMC_SMADQ_0 GPIO71 GPIO97 V17 G4 I/O VDD_IO FSMC. Multiplexed address/data line 0. FSMC_SMADQ_1 GPIO85 GPIO96 V16 G3 I/O VDD_IO FSMC. Multiplexed address/data line 1. FSMC_SMADQ_10 GPIO81 GPIO154(1) W5 R8 I/O VDD_IO FSMC. Multiplexed address/data line 10. FSMC_SMADQ_11 GPIO74 GPIO153(1) V4 P8 I/O VDD_IO FSMC. Multiplexed address/data line 11. Table 12. Memory signals (continued) Name GPIOs Balls DIR Power Domain Description |