| Moteur de recherche de fiches techniques de composants électroniques |
|
STA1085 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA1085 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 127 page ![]() Signal description STA108x, STA109x 28/127 DS13319 Rev 2 3.1.7 General Purpose ADCs SDMMC1_DATA_2 GPIO4 GPIO12 C13 B9 I/O VDD_IO SD/MMC1. Data line 2. SDMMC1_DATA_3 GPIO5 GPIO13 B13 B8 I/O VDD_IO SD/MMC1. Data line 3. Table 8. SD MMC Signals (continued) Name GPIOs Balls DIR Power Domain Description Table 9. General Purpose ADC Name GPIOs Balls DIR Power Domain Description ADC2_AIN0_XP - H17 I VDD_IO ADC2 (SAR) CH 0/Touch screen panel signal XP.(1) ADC2_AIN1_XN - J19 I VDD_IO ADC2 (SAR) CH 1/Touch screen panel signal XN.(1) ADC2_AIN2_YP - G17 I VDD_IO ADC2 (SAR) CH 2/Touch screen panel signal YP.(1) ADC2_AIN3_YN - G16 I VDD_IO ADC2 (SAR) CH3/Touch screen panel signal YN.(1) ADC2_AIN4 - E19 I VDD_IO ADC2 (SAR) CH4. ADC2_AIN5 - H16 I VDD_IO ADC2 (SAR) CH5. ADC2_AIN6 - E17 I VDD_IO ADC2 (SAR) CH6. ADC2_AIN7 - E18 I VDD_IO ADC2 (SAR) CH7. ADC2_AIN8 - J18 I VDD_IO ADC2 (SAR) CH8. ADC2_AIN9 - E16 I VDD_IO ADC2 (SAR) CH9. 1. Touch screen controller only available in STA109x. |